Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML3371EP Datasheet(PDF) 12 Page - LANSDALE Semiconductor Inc.

Part # ML3371EP
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371EP Datasheet(HTML) 12 Page - LANSDALE Semiconductor Inc.

Back Button ML3371EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.lansdale.com
Page 12 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 11a. Typical Application for ML3371 at 10.7 MHz
–
10
C7
0.022
VR1 (Squelch Control)
10 k
VR2
10 k
AF Out
to Audio
Power Amp
3.3 k
R8
C10
68
10.245
MHz
L1
TKANS9443HM
6.8
µH ±6%
D1
+
1N5817 R5
R6
4.7 k
560
R7
R9
4.7 k
510 k
10
53 k
51 k
+
8.2
µH
L2
1st IF 10.7 MHz
from Input
Front End
+
T2: Toko
2A6597 HK (10 mm)
or
7MC–8128Z (7 mm)
VCC = 4.0 Vdc
RSSI Output
R2
10 k
C8
0.22
R11
560
C9
10
R1
51 k
C1
0.01
C17
0.1
C3
0.1
C4
0.001
C5
0.001
C11
220
C13
0.1
R10
39 k
C14
0.1
14
13
15
16
12
11
9
24
38
56
7
1
Oscillator
muRata
CFU455D2
or
equivalent
Demodulator
Filter
Mixer
Squelch Trigger
with Hysteresis
AF
Limiter
Amp
1.8 k
C12
0.1
C2
4.7
µF
C15
91
R3
100 k
R4
1.0 k
Amp
Amp
An external positive bias to Pin 12 sets up the squelch trig-
ger circuit such that the audio mute (Pin 14) is open or con-
nected to ground. If Pin 12 is pulled down to 0.9 V or below
by the noise or tone detector, Pin 14 is internally shorted to
ground. There is about 57 mV of hyteresis at Pin 12 to prevent
jitter. Audio muting is accomplished by connecting Pin 14 to
the appropriate point in the audio path between Pin 9 and an
audio amplifier. The voltage at Pin 14 should not be lower than
–0.7 V; this can be assured by connecting Pin 14 to the point
that has no DC component.
Another possible application of the squelch switch may be as
a carrier level triggered squelch circuit, similar to the
MC3362/MC3363 FM receivers. In this case the meter output
can be used directly to trigger the squelch switch when the RF
input at the input frequency falls below the desired level. The
level at which this occurs is determined by the resistor placed
between the meter drive output (Pin 13) and ground (Pin 15).
Figure 11b shows a typical application using the
ML145170/ML145170 PLL device to obtain multiple channel
operation.
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com