Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12079 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12079
Description  2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12079 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12079 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.lansdale.com
LANSDALE Semiconductor, Inc.
ML12079
Page 2 of 4
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.25
3.4
2.8
GHz
Supply Current Output (Pin 2)
ICC
–
9.0
11.5
mA
Input Voltage Sensitivity
250–500 MHz
500–2800 MHz
Vin
400
100
–
–
1000
1000
mVpp
Divide Ratio Control Input High (SW)
VIH
VCC
VCC
VCC
V
Divide Ratio Control Input Low (SW)
VIL
Open
Open
Open
–
Output Voltage Swing
(CL = 12 pF; RL = 1.2 kΩ; IO = 2.7 mA)1
(CL = 12 pF; RL = 2.2 kΩ; IO = 1.5 mA)2
(CL = 12 pF; RL = 3.9 kΩ; IO = 0.85 mA)3
Vout
1.0
1.6
–
Vpp
NOTES: 1. Divide ratio of
÷64 at 2.8 GHz.
2. Divide ratio of
÷128 at 2.8 GHz.
3. Divide ratio of
÷256 at 2.8 GHz.
DQB
CQ
DQ
CQB
DQB
C
Q
In
In
Out
Figure 1. Logic Diagram (ML12079)
DQ
CQB
DQB
C
Q
DQB
CQ
DQB
CQ
DQB
CQ
SW2
SW1
Figure 2. AC Test Circuit
SINE WAVE GENERATOR
50
Ω
C1
C2
C3
VCC = 4.5 to 5.5 V
CL
RL
VCC
IN
IN
GND
OUT
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 12 pF (Including Scope and Jig Capacitance)
RL = 1.2 kΩ (for ÷64 at 2.8 GHz)
SW2
SW1
Issue A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com