Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL422 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 15Page - GENESYS LOGIC GL422 Datasheet HTML 16Page - GENESYS LOGIC GL422 Datasheet HTML 17Page - GENESYS LOGIC GL422 Datasheet HTML 18Page - GENESYS LOGIC GL422 Datasheet HTML 19Page - GENESYS LOGIC GL422 Datasheet HTML 20Page - GENESYS LOGIC GL422 Datasheet HTML 21Page - GENESYS LOGIC GL422 Datasheet HTML 22Page - GENESYS LOGIC GL422 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 19
4.6 PAD/PIN Descripton
4.6.1 USB Interface
Table 4.1- USB Interface
QFN56
Pin#
VFBG
A54
Pin#
Pin Name
Pad#
Pad Name
Type
Description
96
AVDD2
P
Analog 3.3V power
(Double Bonding)
46
C2
AVDD
97
AVDD1
P
Analog 3.3V power
(Double Bonding)
47
C3
RREF
98
RREF
A
Reference resistor, normal 680ohm
(1%) between RREF and GND
99
AGND2
P
Analog ground
(Double Bonding)
48
E3
AGND
100
AGND1
P
Analog ground
(Double Bonding)
49
D1
DM
101
DM
B
USB D-
50
D2
DP
102
DP
B
USB D+
51
D3
AVDD
103
AVDD3
P
Analog 3.3V power
52
E3
AGND
104
AGND3
P
Analog ground
NC
NC
105
VBUS
P
(No Bonding)
53
E3
AGND
106
DGND2
P
Digital ground.
(Tri-bonding)
53
E3
AGND
107
DGND1
P
Digital ground.
(Tri-bonding)
NC
NC
108
DVDD1
P
Digital power
(No Bonding)
53
E3
AGND
109
AVSS2
P
Analog ground
(Tri-bonding)
54
E1
XI
110
XI
I
Crystal driver input
55
E2
XO
111
XO
O
Crystal driver output
56
F1
AVDD
112
AVDD2
P
Analog 3.3V power
(Double Bonding)
-
-
-
-
CUTCELL
-
(No Bonding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com