Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL816 Datasheet(PDF) 17 Page - GENESYS LOGIC

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL816 Datasheet(HTML) 17 Page - GENESYS LOGIC

Back Button GL816 Datasheet HTML 13Page - GENESYS LOGIC GL816 Datasheet HTML 14Page - GENESYS LOGIC GL816 Datasheet HTML 15Page - GENESYS LOGIC GL816 Datasheet HTML 16Page - GENESYS LOGIC GL816 Datasheet HTML 17Page - GENESYS LOGIC GL816 Datasheet HTML 18Page - GENESYS LOGIC GL816 Datasheet HTML 19Page - GENESYS LOGIC GL816 Datasheet HTML 20Page - GENESYS LOGIC GL816 Datasheet HTML 21Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
GL816 USB 2.0 Flash Card Reader Controller
© 2004 Genesys Logic Inc. - All rights reserved.
Page 17
CHAPTER 6 ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
Table 6.1 - Absolute Maximum Ratings
Parameter
Value
Ambient Temperature under bias (TA)
0
°C to 70°C
Supply Voltage
+3.0V to +3.6V
Ground Voltage
0V
FOSC
12 MHz
± 30ppm
6.2 DC Characteristics
Table 6.2 - DC Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2.6
-
5
V
VIL
Input Low Voltage
0.0
-
0.7
V
II
Input Leakage current
0 < VIN < VCC
-10
-
10
µA
VOH
Output High Voltage
3.0
-
-
V
VOL
Output Low Voltage
-
-
0.2
V
IOH
Output Current High
-
8.3
-
mA
IOL
Output Current Low
-
7.8
-
mA
CIN
Input Pin Capacitance
-
-
2.0
pF
ISUSP
Suspend current
1.5K external pull-up
included
-
-
280
µA
ICC
Supply current
Connect to USB with 8051
operating
-
-
85
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com