Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL827 Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL827
Description  USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL827 Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL827 Datasheet HTML 35Page - GENESYS LOGIC GL827 Datasheet HTML 36Page - GENESYS LOGIC GL827 Datasheet HTML 37Page - GENESYS LOGIC GL827 Datasheet HTML 38Page - GENESYS LOGIC GL827 Datasheet HTML 39Page - GENESYS LOGIC GL827 Datasheet HTML 40Page - GENESYS LOGIC GL827 Datasheet HTML 41Page - GENESYS LOGIC GL827 Datasheet HTML 42Page - GENESYS LOGIC GL827 Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
GL827 USB 2.0 Single Slot Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 39
6.6.9 EEPROM 93C46 Timing
Figure 6.9 - Timing Diagram of EEPROM 93C46
AC Characteristics of 93C46 Interface (with CLOAD = 15 pF)
PARAMETER
DESCRIPTION
MINIMUM
MAXIMUM
UNIT
fSK
SK clock frequency
200k
400k
Hz
tWH
SK H pulse length
500
─
ns
tWL
SK L pulse length
500
5
ns
tTLH
SK rise time
─
10
ns
tTHL
SK fall time
─
10
ns
tCSS
CS setup time
1
─
µs
tCSH
CS hold time
1
─
µs
tISU
DI setup time
1
─
µs
tIH
DI hold time
1
─
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com