Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145145 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML145145
Description  4-Bit Data Bus Input PLL Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145145 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145145 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145145 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.lansdale.com
Page 9 of 12
LANSDALE Semiconductor, Inc.
ML145145
RECOMMENDED READING
Technical Note TN–24, Stated Corp.
Technical Note TN–\7, Stated Corp.
E. Hafner, “The Piezoelectric Crystal Unit – Definitions and
Method of Measurement”, Proc IEEE, Vol. 57, No. 2 Feb.,
1969
D. Kemper, L. Rosine, “Quartz Crystals for Frequency
Control”, Electro–Technology, June, 1969.
P.J. Ottowitz, “A Guide to Crystal Selection”, Electronic
Design, May, 1966.
LEGACY APPLICATIONS
The features of the ML145145 permit bus operation with a
dedicated wire needed only for the strobe input. In a micro-
processor–controlled system this strobe input is accessed when
the PLL is addressed. The remaining data and address inputs
will directly interface to the microprocessor’s data and address
buses.
The ÷ R programability is used to advantage in Figure 10.
Here, the nominal ÷ R value is 3667, but by programming
small changes in this value, fine tuning is accomplised. Better
tuning resolution is achievable with this method than by chang-
ing the ÷ N due to the use of the large fixed prescaling value
of ÷ 256 provided by the ML12079.
The two–loop synthesizer, in Figure 11, takes advantage of
these features to control the phase–locked loop with a minu-
mum of dedicated lines while preserving optimal loop per-
formance. Both 25 Hz and 100 Hz steps are provided while the
relatively large reference frequencies of 10 Khz or 10.1 kHz
are maintained.
Issue b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com