Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145162 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145162 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.lansdale.com
Page 9 of 24
Issue 0
fR1
S2
fR1
S1
AUX
REF
ENABLE
14–BITS AUX REF FREQ
DATA
12–BITS REF FREQ
DATA
REFERENCE
FREQUENCY
SELECT
AUX REFERENCE
FREQUENCY COUNTER
DIVIDE RATIO
REFERENCE FREQUENCY COUNTER
IDENTIFIER = 0
REFERENCE
FREQUENCY
SELECT
0
Rx–0
SELECT
Tx–0
SELECT
ENB
REFERENCE
FREQUENCY
COUNTER
DIVIDE RATIO
Din
Figure 9. Programming Format of the Auxiliary/Reference Frequency Counters
NOTE: ENB must be high during the serial transfer.
CLK
Figure 10. MCU Interface Using SPI
ENB
CLK
Din
MCU
USING
SERIAL PERIPHERAL
INTERFACE PORT
UNIVERSAL PLL
AUX DATA BIT = 0
Figure 11. MCU Interface Using Normal I/O Ports with
Both Din and ADin for Faster Programming Time
Din
ENB
CLK
ADin
MCU
USING
NORMAL I/O PORT
UNIVERSAL PLL
AUX DATA BIT = 1
LANSDALE Semiconductor, Inc.
ML145162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com