Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5098BBLT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 6Page - STMicroelectronics STW5098BBLT Datasheet HTML 7Page - STMicroelectronics STW5098BBLT Datasheet HTML 8Page - STMicroelectronics STW5098BBLT Datasheet HTML 9Page - STMicroelectronics STW5098BBLT Datasheet HTML 10Page - STMicroelectronics STW5098BBLT Datasheet HTML 11Page - STMicroelectronics STW5098BBLT Datasheet HTML 12Page - STMicroelectronics STW5098BBLT Datasheet HTML 13Page - STMicroelectronics STW5098BBLT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Pinout
STw5098
10/85
Table 1.
STw5098 pin description
Position
Type
Pin name
Description
A1
P
GND
Ground pin for the digital section
A2
DI
1SCLK
Control interface serial clock input
A3
DO
1AD_OCK
Oversampled clock out from AD clock generator
A4
DIOD
2SDA/SDIN
Control interface serial data input-output in I2C mode (SDA), control
interface serial data input in SPI mode (SDIN).
A5
DO
1DA_OCK
Oversampled clock out from DA clock generator
A6
DIO
1AD_CK
Serial data clock for stereo A/D converter
A7
DI
2AS/CSB
Control interface address select in I2C mode (AS).
Interface enable signal in SPI mode (CSB).
A8
DO
2AD_DATA
Serial data out for stereo A/D converter
A9
DIO
2AD_SYNC
Frame sync for stereo A/D converter
A10
DIO
1DA_SYNC
Frame sync for stereo D/A converter
A11
DI
1DA_DATA
Serial data In for stereo D/A converter
B1
AI
2HDET
Headset detection input
(microphone plug-in and push-button detection)
B2
DI
2SCLK
Control interface serial clock input
B3
DO
2AD_OCK
Oversampled clock out from AD clock generator
B4
DI
1CMOD
Control interface type selector I2C-bus mode or SPI mode
B5
DO
2DA_OCK
Oversampled clock out from DA clock generator
B6
DIO
2DA_CK
Serial data clock for stereo D/A converter
B7
DI
AI
AMCK
Master clock input. Accepted range 4 MHz to 32 MHz.
AMCK is a digital square wave
AMCK is an analog sinewave (
Section 10.2 on page 62)
B8
P
VCC
Power supply pin for the digital section.
Operating range: from 1.71 V to 2.7 V
B9
DIO
2DA_SYNC
Frame sync for stereo D/A converter
B10
DI
2DA_DATA
Serial data in for stereo D/A converter
B11
P
GND
Ground pin for the digital section
C1
P
VCCA
Power supply pin for the analog section.
Standard operating range: from 2.7V to 3.3V
Low voltage (LV) range: from 2.4V to 2.7V
C2
AI
1HDET
Headset detection input
(microphone plug-in and push-button detection)
C3
P
VCCA
Power supply pin for the analog section.
Standard operating range: from 2.7V to 3.3V
Low voltage (LV) range: from 2.4V to 2.7V
C4
DI
2CMOD
Control interface type selector I2C-bus mode or SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com