Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7601 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7601
Description  29V High Voltage LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7601 Datasheet(HTML) 6 Page - Exar Corporation

  SP7601 Datasheet HTML 1Page - Exar Corporation SP7601 Datasheet HTML 2Page - Exar Corporation SP7601 Datasheet HTML 3Page - Exar Corporation SP7601 Datasheet HTML 4Page - Exar Corporation SP7601 Datasheet HTML 5Page - Exar Corporation SP7601 Datasheet HTML 6Page - Exar Corporation SP7601 Datasheet HTML 7Page - Exar Corporation SP7601 Datasheet HTML 8Page - Exar Corporation SP7601 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Sept25-07 Rev D
SP7601 29V High Voltage LED Driver
© 2007 Exar Corporation
Page 6
GENERAL OVERVIEW
Overcurrent Programming
Resistor
Rs
can
be
used
to
program
Overcurrent Protection (OCP). Use equation 2
for calculating the Rs value:
()
uA
on
Rds
Iocp
V
Rs
33
)
(
05
.
1
5
.
1
35
.
0
×
×
×
−
=
.… (2)
Where
Iocp is the programmed overcurrent and
is generally set 50% above nominal output
current. The maximum value of Rs that can be
used for programming OCP is 3kΩ.
Inductor Selection
Select the inductor L1 for inductance,
IRMS and
ISAT. Calculate inductance from
()
L
I
f
Vin
Vo
Vin
Vo
L
Δ
×
×
−
×
=
………………………. (3)
Where:
VIN is converter input voltage
Vo is converter output voltage. Since voltage
across RSET is small, Vo approximately equals
VF (for a string of series connected LEDs Vo
equals total VF)
L
I
Δ is inductor current ripple (nominally set to
10% of
Io)
Inductor
ISAT and IRMS must allow sufficient
safeguard over output current
Io. As a rule of
thumb these parameters should be 50% higher
than
Io. Where high efficiency is required, a low
DCR inductor should be used.
Input capacitor selection
Select the input capacitor for capacitance and
ripple current rating. Use the capacitances
listed in table 1 as a starting point and, if
needed, increase CIN.
Table1- CIN selection
Calculate the ripple current requirement from:
(
)
D
D
Io
Irip
−
×
=
1
………..………. (4)
Where D is converter duty cycle:
Vin
Vo
D
=
Ceramic capacitors are recommended for input
filtering due to their low Equivalent Series
Resistance
(ESR),
Equivalent
Series
Inductance (ESL) and small form factor.
MOSFET selection
Select the MOSFET M1 for ON resistance
RDS(ON), voltage rating (BVDSS) and gate-to-
drain
charge
(QGD).
The
recommended
MOSFET voltage rating for 12V and 24V
applications is 30V and 40V respectively. As a
rule of thumb QGD should be less than 10nC.
RDS(ON) must be selected such that, when
operating
at
peak
current
and
junction
temperature, the Overcurrent threshold of the
SP7601 is not exceeded. Allowing 50% margin
for temperature coefficient of RDS(ON), 5%
margin for inductor current ripple and 50%
margin for OCP, the following expression can
be used:
⎟
⎠
⎞
⎜
⎝
⎛
×
×
×
≤
Io
mV
ON
Rds
05
.
1
5
.
1
5
.
1
350
)
(
……….. (5)
Within this constraint, selecting MOSFETs with
lower RDS(ON) will reduce conduction losses at
the expense of increased switching losses. If a
choice of several MOSFETs is available, select
the highest RDS(ON) MOSFET that meets the
above criteria.
Schottky Rectifier selection
Select the Schottky D1 for Voltage rating VR
and current rating If. Voltage rating should be
selected using the same guidelines outlined for
MOSFET voltage selection. Current rating can
be calculated from:
Io
Vin
Vo
If
×
⎟
⎠
⎞
⎜
⎝
⎛ −
≥
1
……………………… (6)
Io (A)
Cin (uF)
< 0.7
2.2
0.71 to 1.2
4.7
> 1.2
2 x 4.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com