Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLE2022ACP Datasheet HTML 31Page - Texas Instruments TLE2022ACP Datasheet HTML 32Page - Texas Instruments TLE2022ACP Datasheet HTML 33Page - Texas Instruments TLE2022ACP Datasheet HTML 34Page - Texas Instruments TLE2022ACP Datasheet HTML 35Page - Texas Instruments TLE2022ACP Datasheet HTML 36Page - Texas Instruments TLE2022ACP Datasheet HTML 37Page - Texas Instruments TLE2022ACP Datasheet HTML 38Page - Texas Instruments TLE2022ACP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
5, 6, 7
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
8, 9, 10
11, 12, 13
II
Input current
vs Differential input voltage
14
VOM
Maximum peak output voltage
vs Output current
vs Free-air temperature
15, 16, 17
18
VOH
High-level output voltage
vs High-level output current
vs Free-air temperature
19, 20
21
VOL
Low-level output voltage
vs Low-level output current
vs Free-air temperature
22
23
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
24, 25
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
26
27, 28, 29
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
30 − 33
34 − 37
ICC
Supply current
vs Supply voltage
vs Free-air temperature
38, 39, 40
41, 42, 43
CMRR
Common-mode rejection ratio
vs Frequency
44, 45, 46
SR
Slew rate
vs Free-air temperature
47, 48, 49
Voltage-follower small-signal pulse response
50, 51
Voltage-follower large-signal pulse response
52 − 57
VN(PP) Peak-to-peak equivalent input noise voltage
0.1 to 1 Hz
0.1 to 10 Hz
58
59
Vn
Equivalent input noise voltage
vs Frequency
60
B1
Unity-gain bandwidth
vs Supply voltage
vs Free-air temperature
61, 62
63, 64
φm
Phase margin
vs Supply voltage
vs Load capacitance
vs Free-air temperature
65, 66
67, 68
69, 70
Phase shift
vs Frequency
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com