Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR715FR0T1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STR715FR0T1
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR715FR0T1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STR715FR0T1 Datasheet HTML 35Page - STMicroelectronics STR715FR0T1 Datasheet HTML 36Page - STMicroelectronics STR715FR0T1 Datasheet HTML 37Page - STMicroelectronics STR715FR0T1 Datasheet HTML 38Page - STMicroelectronics STR715FR0T1 Datasheet HTML 39Page - STMicroelectronics STR715FR0T1 Datasheet HTML 40Page - STMicroelectronics STR715FR0T1 Datasheet HTML 41Page - STMicroelectronics STR715FR0T1 Datasheet HTML 42Page - STMicroelectronics STR715FR0T1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
STR71xF
Electrical parameters
39/77
Figure 11. STOP IDD vs. V33
Figure 12. STANDBY IDD vs. V33
Figure 13. WFI IDD vs. V33
0
10
20
30
40
50
60
70
80
90
100
3
3.1
3.2
3.3
3.4
3.5
3.6
V33 (V)
TA=-45 to +25°C
TA=+90°C
0
5
10
15
20
25
3
3.1
3.2
3.3
3.4
3.5
3.6
V33 (V)
TA=-45°C
TA=0°C
TA=+25°C
TA=+90°C
50
60
70
80
90
100
3
3.1
3.2
3.3
3.4
3.5
3.6
V33 (V)
TA=-40 to +90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com