Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913PW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913PW
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE913PW Datasheet HTML 9Page - Texas Instruments CDCE913PW Datasheet HTML 10Page - Texas Instruments CDCE913PW Datasheet HTML 11Page - Texas Instruments CDCE913PW Datasheet HTML 12Page - Texas Instruments CDCE913PW Datasheet HTML 13Page - Texas Instruments CDCE913PW Datasheet HTML 14Page - Texas Instruments CDCE913PW Datasheet HTML 15Page - Texas Instruments CDCE913PW Datasheet HTML 16Page - Texas Instruments CDCE913PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
SDA/SCL HARDWARE INTERFACE
R
P
SDA
SCL
Master
Slave
CDCE913
CDCEL913
C
BUS
C
BUS
R
P
SDA/SCL CONFIGURATION REGISTERS
CDCE913
CDCEL913
SCAS849A – JUNE 2007 – REVISED AUGUST 2007
Figure 13 shows how the CDCE913/CDCEL913 clock synthesizer is connected to the SDA/SCL serial interface
bus. Multiple devices can be connected to the bus but the speed may need to be reduced (400 kHz is the
maximum) if many devices are connected.
Note that the pullup resistors (RP) depends on the supply voltage, bus capacitance, and number of connected
devices. The recommended pullup value is 4.7 k
Ω. It must meet the minimum sink current of 3 mA at
VOLmax = 0.4 V for the output stages (for more details see the SMBus or I
2C™ Bus specification).
Figure 13. SDA / SCL Hardware Interface
The clock input, control pins, PLLs, and output stages are user configurable. The following tables and
explanations describe the programmable functions of the CDCE913/CDCEL913. All settings can be manually
written into the device via the SDA/SCL bus or easily programmed by using the TI Pro-Clock™ software. TI
Pro-Clock™ software allows the user to quickly make all settings and automatically calculates the values for
optimized performance at lowest jitter.
Table 7. SDA/SCL Registers
Address Offset
Register Description
Table
00h
Generic Configuration Register
Table 9
10h
PLL1 Configuration Register
Table 10
The grey-highlighted bits, described in the Configuration Registers tables in the following pages, belong to the
Control Terminal Register. The user can predefine up to eight different control settings. These settings then can
be selected by the external control pins, S0, S1, and S2. See the Control Terminal Configuration section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com