Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2024IN Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2024IN
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2024IN Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLE2024IN Datasheet HTML 40Page - Texas Instruments TLE2024IN Datasheet HTML 41Page - Texas Instruments TLE2024IN Datasheet HTML 42Page - Texas Instruments TLE2024IN Datasheet HTML 43Page - Texas Instruments TLE2024IN Datasheet HTML 44Page - Texas Instruments TLE2024IN Datasheet HTML 45Page - Texas Instruments TLE2024IN Datasheet HTML 46Page - Texas Instruments TLE2024IN Datasheet HTML 47Page - Texas Instruments TLE2024IN Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
−75
6
125
−10
−50
−25
025
50
75
100
−8
−6
−4
−2
0
2
4
VID = −100 mV
VCC = 5 V
VO = 5 V
TA − Free-Air Temperature −°C
VID = 100 mV
VO = 0
TLE2022 AND TLE2024
SHORT-CIRCUIT OUTPUT CURRENT †
vs
FREE-AIR TEMPERATURE
Figure 36
−75
TA − Free-Air Temperature − °C
12
125
−12
−50
− 25
0
25
50
75
100
−8
−4
0
4
8
VO = 0
VCC ± = ±15 V
VID = −100 mV
VID = 100 mV
TLE2021
SHORT-CIRCUIT OUTPUT CURRENT†
vs
FREE-AIR TEMPERATURE
Figure 37
−75
TA − Free-Air Temperature − °C
15
125
−15
−10
−5
0
5
10
VO = 0
VID = − 100 mV
VID = 100 mV
VCC ± = ±15 V
− 50
− 25
0
25
50
75
100
TLE2022 AND TLE2024
SHORT-CIRCUIT OUTPUT CURRENT †
vs
FREE-AIR TEMPERATURE
Figure 38
0
|VCC ±| − Supply Voltage − V
250
16
0
50
100
150
200
2
4
6
8
10
12
14
VO = 0
No Load
TA = 25°C
TA = 125°C
TA = − 55°C
TLE2021
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com