Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL306LRN Datasheet(PDF) 12 Page - ON Semiconductor

Part # FSL306LRN
Description  Green Mode Buck Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL306LRN Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FSL306LRN Datasheet HTML 8Page - ON Semiconductor FSL306LRN Datasheet HTML 9Page - ON Semiconductor FSL306LRN Datasheet HTML 10Page - ON Semiconductor FSL306LRN Datasheet HTML 11Page - ON Semiconductor FSL306LRN Datasheet HTML 12Page - ON Semiconductor FSL306LRN Datasheet HTML 13Page - ON Semiconductor FSL306LRN Datasheet HTML 14Page - ON Semiconductor FSL306LRN Datasheet HTML 15Page - ON Semiconductor FSL306LRN Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
FSL306LR
www.onsemi.com
12
TYPICAL APPLICATION CIRCUIT
Application
Input Voltage
Rated Output
Rated Power
Auxilary Power
85~300 VAC
12 V (150 mA)
2.05 W
Power Supply
5 V (50 mA)
Key Design Notes
• Small current rating inductors (L1 & L2), an SMD−type resistor (R1), and an additional AC rectifying diode (D2) are
placed for good EMI performance.
• External bias circuitry, a SMD−type resistor (R2), and a small−signal diode (D5) reduce power loss of the internal
high−voltage regulator.
Figure 31. Schematic
1.GND
2.V CC
5.Vcomp
3.ILIMIT
4.V FB
7.Drain
6.Drain
12 V
Output
AC
F1
VCC
VCC
D1
S1M
SMA
L1
470
mH
C1
4.7
mF
400 V
C8
220 nF
0805
R5
0805
D3
ES1J
SMA
C3
L3
680
mH
D4
ES1J
SMA
D5
1N4148
SOD32−F
R2
0805
R3
0805
R4
0805
C5
2.2
mF
0805
C6
1
mF
0805
U1
FSL306LR
C9
330 pF
0805
D2
S1M
SMA
5 V
Output
U2
KA78L05AI
C4
47
mF
25 V
C2
6.8
mF
400 V
L2
470
mH
C7
10 nF
0805
R1
0805
10
W/1 W
220
W
3.3 k
W
20 k
W
10
W
5.1 k
W
100
mF/25 V
Table 1. BILL OF MATERIALS
Part
Value
Note
Part
Value
Note
Fuse
Diode
F1
10 W
1 W, Fusible Resistor
D1
S1M
1 A / 1000 V General−Purpose Rectifier
Resistor
D1
S1M
onsemi
R1
3.3 k
W
SMD 0805, 5%
D2
S1M
1 A / 1000 V General−Purpose Rectifier
R2
10
W
SMD 0805, 5%
onsemi
R3
20 k
W
SMD 0805, 1%
D3
ES1J
1 A / 600 V Ultra−Fast Recovery Rectifier
R4
5.1 k
W
SMD 0805, 1%
onsemi
R5
220 k
W
SMD 0805, 5%
D4
ES1J
1 A / 600 V Ultra−Fast Recovery Rectifier
Capacitor
onsemi
C1
4.7
mF / 400 V
Electrolytic
D5
1N4148
High Conductance Fast Diode
C2
6.8
mF / 400 V
Electrolytic
onsemi
C3
100
mF / 25 V
Electrolytic
Inductor
C4
47
mF / 25 V
Electrolytic
L1
470
mH
SYNTON
C5
2.2
mF
SMD 0805
L2
470
mH
SYNTON
C6
1
mF
SMD 0805
L3
680
mH
PKS−0807−681K
C7
10 nF
SMD 0805
3L Electronic
C8
220 nF
SMD 0805
C9
330 pF
SMD 0805
U1
FSL306LRN /
FSL306LRL
onsemi
U2
KA78L05AIMTF
0.1 A / 5 V Positive Voltage Regulator
onsemi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com