Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2130S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2130S
Description  240RGB x 320 single chip true 262K color controller/driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2130S Datasheet(HTML) 1 Page - STMicroelectronics

  STE2130S Datasheet HTML 1Page - STMicroelectronics STE2130S Datasheet HTML 2Page - STMicroelectronics STE2130S Datasheet HTML 3Page - STMicroelectronics STE2130S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2006
Rev 1
1/4
4
STE2130S
240RGB x 320 single chip true 262K color controller/driver
Features
■ 240RGB x 320 display matrix
■ 1382Kbits display RAM
■ 65K and 262K color modes
■ Partial display mode
■ Vertical scrolling
■ Programmable number of lines and columns
allows smaller display resolutions
■ Programmable N-line polarity inversion
■ Selectable input interfaces:
– 68000 and 8080 parallel interfaces
– 3- and 4- wire SPI interface
– 3-wire 9-bit serial Interface
■ Selectable scan direction
■ 4 programmable gamma look-up tables for
gamma setting
■ Fully integrated oscillator requires no external
components
■ Fully integrated biasing and voltage generator
■ Designed for chip-on-glass (COG) and chip-
on-foil (COF) applications
■ Logic supply voltage range from 1.5 to 1.95V
■ High-voltage generator supply range from 2.2
to 3.6V
■ Integrated low drop-out (LDO) voltage
regulator
■ Common electrode switch drive
■ Cap-On-Common and Cap-on-Gate (patented)
TFT structures
■ Gate, common and source waveform timing
generation digitally tunable
■ Gate driver voltage range from -15.0 to 16.5V
■ Source driver voltage range from 0.0 to 5.5V
■ Common driver voltage range from -2.5 to 4.5V
■ One Time Programmable (OTP) non-volatile
embedded memory
■ On chip calibration (with OTP Cells) of key
configuration and gamma curve parameters.
■ External non-volatile memory (EEPROM)
allows storing key configuration parameters
and gamma curve parameters.
Description
The STE2130S is a low power CMOS LCD
controller/driver featuring extremely low current
consumption.
Designed to drive 240 RGB columns by 320 rows,
65K or 262K color graphics display, with
amplitude modulation, the STE2130S provides all
necessary functions in a single chip, including an
on-chip gate driver supply, source driver supply
and source reference voltage generators resulting
in a minimum of externals components.
A complete set of digital functions limits host
controller overhead to manage complex display
configurations and to transfer fast moving image
data to the display RAM.
STE2130S features five standard interfaces (3-
wire serial, 3-wire SPI, 4-wire SPI, 68000 parallel
and 8080 parallel) for easy of interfacing with the
host controller.
The STE2130S is designed to operate with both
traditional Cap-on-Common and Cap-on-Gate
panels by means of a switching Common
Electrode driving scheme
www.st.com


Similar Part No. - STE2130S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2102 STMICROELECTRONICS-STE2102 Datasheet
41Kb / 4P
240x320RGB single-chip true 262K colors ramless LCD controller/driver
20-Dec-2006
STE2102D3 STMICROELECTRONICS-STE2102D3 Datasheet
41Kb / 4P
240x320RGB single-chip true 262K colors ramless LCD controller/driver
20-Dec-2006
More results

Similar Description - STE2130S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
162 RGB x 132 single chip true 262K color OLED controller/driver
18-Dec-2006
STE2028 STMICROELECTRONICS-STE2028 Datasheet
133Kb / 4P
162 x 130 RGB single-chip true 262k color LCD controller driver
18-Jun-2007
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com