Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7912ACD2T Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7912ACD2T
Description  2% NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912ACD2T Datasheet(HTML) 2 Page - STMicroelectronics

  L7912ACD2T Datasheet HTML 1Page - STMicroelectronics L7912ACD2T Datasheet HTML 2Page - STMicroelectronics L7912ACD2T Datasheet HTML 3Page - STMicroelectronics L7912ACD2T Datasheet HTML 4Page - STMicroelectronics L7912ACD2T Datasheet HTML 5Page - STMicroelectronics L7912ACD2T Datasheet HTML 6Page - STMicroelectronics L7912ACD2T Datasheet HTML 7Page - STMicroelectronics L7912ACD2T Datasheet HTML 8Page - STMicroelectronics L7912ACD2T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L7900AC SERIES
2/13
Table 1: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 2: Thermal Data
Figure 1: Connection Diagram (top view)
Table 3: Ordering Codes
(*) Available in Tape & Reel with the suffix "-TR".
(**) Available on Request.
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
for VO = -5 to -18V
-35
V
for VO = -20, -24V
-40
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature Range
0 to 125
°C
Symbol
Parameter
D2PAK
TO-220
Unit
Rthj-case
Thermal Resistance Junction-case
Max
33
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
50
°C/W
TYPE
TO-220
D2PAK (*)
OUTPUT VOLTAGE
L7905AC
L7905ACV
L7905ACD2T
-5 V
L7906AC
L7906ACV (**)
L7906ACD2T (**)
-6 V
L7908AC
L7908ACV
L7908ACD2T
-8 V
L7912AC
L7912ACV
L7912ACD2T
-12 V
L7915AC
L7915ACV
L7915ACD2T (**)
-15 V
L7918AC
L7918ACV (**)
L7918ACD2T (**)
-18 V
L7920AC
L7920ACV
L7920ACD2T (**)
-20 V
L7924AC
L7924ACV
L7924ACD2T (**)
-24 V
TO-220
D2PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com