Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G01P15LL Datasheet(PDF) 2 Page - Goford Semiconductor

Part # G01P15LL
Description  P-Channel Trench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G01P15LL Datasheet(HTML) 2 Page - Goford Semiconductor

  G01P15LL Datasheet HTML 1Page - Goford Semiconductor G01P15LL Datasheet HTML 2Page - Goford Semiconductor G01P15LL Datasheet HTML 3Page - Goford Semiconductor G01P15LL Datasheet HTML 4Page - Goford Semiconductor G01P15LL Datasheet HTML 5Page - Goford Semiconductor G01P15LL Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G01P15LL
GOFORD
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-150
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = -120V, VGS = 0V, TJ = 25ºC
--
--
-25
μA
Gate-Source Leakage
IGSS
VGS = ±25V
--
--
±100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250µA
-1.2
-2
-4
V
Drain-Source On-Resistance
RDS(on)
VGS = -10V, ID = -1A
--
0.77
1
Ω
VGS = -6V, ID = -0.8A
--
0.8
1.2
Forward Transconductance
gFS
VDS=-10V,ID=-1A
--
3.4
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS = 0V,
VDS = -50V,
f = 1.0MHz
--
520
832
pF
Output Capacitance
Coss
--
33
--
Reverse Transfer Capacitance
Crss
--
20
--
Total Gate Charge
Qg
VDD = -75V,
ID = -1A,
VGS = -10V
--
12
19.2
nC
Gate-Source Charge
Qgs
--
2
--
Gate-Drain Charge
Qgd
--
2.5
--
Turn-on Delay Time
td(on)
VDD = -75V,
ID = -1A,
RG = 3.3Ω
--
9
--
nS
Turn-on Rise Time
tr
--
5
--
Turn-off Delay Time
td(off)
--
24
--
Turn-off Fall Time
tf
--
8
--
Drain-Source Body Diode Characteristics
Body Diode Voltage
VSD
TJ = 25ºC, IS =-1.5 A, VGS = 0V
--
--
-1.3
V
Reverse Recovery Time
trr
VGS = 0V, Is = -1A,
diF/dt = 100A/μs
--
40
--
nS
Reverse Recovery Charge
Qrr
--
70
--
μC
Notes
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in2 2oz copper pad of FR4 board, t <10sec ; 156oC/W when mounted on min. copper pad.
www.gofordsemi.com
TEL
:0755-29961263
FAX:0755 -29961466



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com