Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F008AXY Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS28F008AXY
Description  1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F008AXY Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS28F008AXY Datasheet HTML 12Page - Texas Instruments TMS28F008AXY Datasheet HTML 13Page - Texas Instruments TMS28F008AXY Datasheet HTML 14Page - Texas Instruments TMS28F008AXY Datasheet HTML 15Page - Texas Instruments TMS28F008AXY Datasheet HTML 16Page - Texas Instruments TMS28F008AXY Datasheet HTML 17Page - Texas Instruments TMS28F008AXY Datasheet HTML 18Page - Texas Instruments TMS28F008AXY Datasheet HTML 19Page - Texas Instruments TMS28F008AXY Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1 048 576 BY 8-BIT/524 288 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS851A – NOVEMBER 1997 – REVISED MARCH 1998
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
byte-wide or word-wide mode selection
The memory array is divided into two parts: an upper-half that outputs data through I/O pins DQ8–DQ15, and
a lower-half that outputs data through DQ0–DQ7. Device operation in either byte-wide or word-wide mode is
user-selectable and is determined by the logic state of BYTE. When BYTE is at a logic-high level, the device
is in the word-wide mode and data is written to, or read from, I/O pins DQ0–DQ15. When BYTE is at a logic-low
level, the device is in the byte-wide mode and data is written to or read from I/O pins DQ0–DQ7. In the byte-wide
mode, I/O pins DQ8–DQ14 are placed in the high-impedance state and DQ15/A–1 becomes the low-order
address pin and selects either the upper- or lower-half of the array. Array data from the upper half (DQ8–DQ15)
and the lower half (DQ0–DQ7) are multiplexed to appear on DQ0–DQ7. Table 6 and Table 7 summarize
operations for word-wide mode and byte-wide mode, respectively. Table 8 summarizes the operation for
’28F008Axy.
Table 6. Operation Modes for Word-Wide Mode (BYTE = VIH) (’28F800Axy) (see Note 2)
MODE
WP
CE
OE
RP
WE
A9
A0
VPP
DQ0–DQ15
Read
X
VIL
VIL
VIH
VIH
X
X
X
Data out
X
VIL
VIL
VIH
VIH
VID
VIL
X
Manufacturer-equivalent code
0089h
Algorithm-selection mode
X
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 889Ch
(top boot block)
X
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 889Dh
(bottom boot block)
Output disable
X
VIL
VIH
VIH
VIH
X
X
X
Hi-Z
Standby
X
VIH
X
VIH
X
X
X
X
Hi-Z
Reset/deep power down
X
X
X
VIL
X
X
X
X
Hi-Z
Write (see Note 3)
VIL or
VIH
VIL
VIH
VIH or
VHH
VIL
X
X
VPPLor
VPPH
Data in
Table 7. Operation Modes for Byte-Wide Mode (BYTE = VIL) (’28F800Axy) (see Note 2)
MODE
WP
CE
OE
RP
WE
A9
A0
VPP
DQ15/A–1
DQ8–DQ14
DQ0–DQ7
Read lower byte
X
VIL
VIL
VIH
VIH
X
X
X
VIL
Hi-Z
Data out
Read upper byte
X
VIL
VIL
VIH
VIH
X
X
X
VIH
Hi-Z
Data out
X
VIL
VIL
VIH
VIH
VID
VIL
X
X
Hi-Z
Manufacturer-equivalent
code 89h
Algorithm-selection
Device-equivalent code
g
mode
X
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi Z
q
9Ch (top boot block)
X
VIL
VIL
VIH
VIH
VID
VIH
X
X
Hi-Z
Device-equivalent code
9Dh (bottom boot block)
Output disable
X
VIL
VIH
VIH
VIH
X
X
X
X
Hi-Z
Hi-Z
Standby
X
VIH
X
VIH
X
X
X
X
X
Hi-Z
Hi-Z
Reset/deep power
down
X
X
X
VIL
X
X
X
X
X
Hi-Z
Hi-Z
Write (see Note 3)
VIL
or
VIH
VIL
VIH
VIH
or
VHH
VIL
X
X
VPPL
or
VPPH
X
Hi-Z
Data in
NOTES:
2. X = don’t care
3. When writing commands to the ’28F008Axy and the ’28F800Axy, VPP must be in the appropriate VPP voltage range (as shown in
the recommended operating conditions table for a specific product) for block-erase or program commands to be executed. Also,
depending on the combination of RP and WP, the boot block can be secured and, therefore, is not programmable (see Table 2 for
a list of the combinations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com