Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS45M Datasheet(PDF) 2 Page - ON Semiconductor

Part # XGS45M
Description  Global Shutter CMOS Image Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS45M Datasheet(HTML) 2 Page - ON Semiconductor

  XGS45M Datasheet HTML 1Page - ON Semiconductor XGS45M Datasheet HTML 2Page - ON Semiconductor XGS45M Datasheet HTML 3Page - ON Semiconductor XGS45M Datasheet HTML 4Page - ON Semiconductor XGS45M Datasheet HTML 5Page - ON Semiconductor XGS45M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XGS Family
www.onsemi.com
2
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
XGS 45000
Super 35 mm
XGS 32000
APS−C
XGS 30000
APS−C
XGS 20000
1.3 Inch
Active Pixels
XGS 45000
8192 (H) x 5460 (V)
XGS 32000
6580 (H) x 4940 (V)
XGS 30000
5460 (H) x 5460 (V)
XGS 20000
4500 (H) x 4500 (V)
Pixel Size
3.2 mm
Color Filter Array
Monochrome, Bayer
Shutter Type
Global Shutter
Input Clock
32.4 MHz
Output Interface
HiSPi (48 Lanes − 777.6 Mbps/lane)
Frame Rate (12−bit)
48 Lanes (−X0)
XGS 45000
48 fps (60 fps @ 8192 by 4320 8k
ROI)
XGS 32000
52 fps
XGS 30000
48 fps
XGS 20000
58 fps
24 Lanes (−X1)
XGS 45000
31 fps
XGS 32000
35 fps
XGS 30000
31 fps
XGS 20000
38 fps
12 Lanes (−X2)
XGS 45000
16 fps
Read Noise
4.5 e− (1x), 2.0 e− (4x)
SNRMAX
39.6 dB
Dynamic Range
67.5 dB
Supply Voltages
1.2V, 2.8 V, 3 V (0.4 V, 1.8 V optional)
Power Consumption
2.3 W (Full Speed, Full Resolution)T
Operating Temp.
−40C to 85C (Ambient)
Package
251−pin Ceramic mPGA
Table 2. ORDERABLE PART NUMBERS (Note 1)
Part Number
Product Description
Speed Grade
Resolution (H x V)
NOIX0SN045KB−GTI
44.7 MP
Mono
10CRA
48 Lanes
8192 x 5460
NOIX0SE045KB−GTI
44.7 MP
Color
10CRA
NOIX1SN045KB−GTI
44.7 MP
Mono
10CRA
24 Lanes
NOIX1SE045KB−GTI
44.7 MP
Color
10CRA
NOIX2SN045KB−GTI
44.7 MP
Mono
10CRA
12 Lanes
NOIX2SE045KB−GTI
44.7 MP
Color
10CRA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com