Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IDE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL494IDE4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494IDE4 Datasheet(HTML) 5 Page - Texas Instruments

  TL494IDE4 Datasheet HTML 1Page - Texas Instruments TL494IDE4 Datasheet HTML 2Page - Texas Instruments TL494IDE4 Datasheet HTML 3Page - Texas Instruments TL494IDE4 Datasheet HTML 4Page - Texas Instruments TL494IDE4 Datasheet HTML 5Page - Texas Instruments TL494IDE4 Datasheet HTML 6Page - Texas Instruments TL494IDE4 Datasheet HTML 7Page - Texas Instruments TL494IDE4 Datasheet HTML 8Page - Texas Instruments TL494IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
Output Section
Dead-Time Control Section
PWM Comparator Section
Total Device
Switching Characteristics
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
over recommended operating free-air temperature range, VCC = 15 V, f = 10 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Collector off-state current
VCE = 40 V, VCC = 40 V
2
100
µA
Emitter off-state current
VCC = VC = 40 V, VE = 0
–100
µA
Common emitter
VE = 0, IC = 200 mA
1.1
1.3
Collector-emitter saturation voltage
V
Emitter follower
VO(C1 or C2) = 15 V, IE = –200 mA
1.5
2.5
Output control input current
VI = Vref
3.5
mA
(1)
All typical values, except for temperature coefficient, are at TA = 25°C.
See Figure 1
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Input bias current (DEAD-TIME CTRL)
VI = 0 to 5.25 V
–2
–10
µA
VI (DEAD-TIME CTRL) = 0, CT = 0.01 µF,
Maximum duty cycle, each output
45
%
RT = 12 kΩ
Zero duty cycle
3
3.3
Input threshold voltage (DEAD-TIME CTRL)
V
Maximum duty cycle
0
(1)
All typical values, except for temperature coefficient, are at TA = 25°C.
See Figure 1
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Input threshold voltage (FEEDBACK)
Zero duty cyle
4
4.5
V
Input sink current (FEEDBACK)
V (FEEDBACK) = 0.7 V
0.3
0.7
mA
(1)
All typical values, except for temperature coefficient, are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VCC = 15 V
6
10
RT = Vref,
Standby supply current
mA
All other inputs and outputs open
VCC = 40 V
9
15
Average supply current
VI (DEAD-TIME CTRL) = 2 V, See Figure 1
7.5
mA
(1)
All typical values, except for temperature coefficient, are at TA = 25°C.
T
A = 25°C
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Rise time
100
200
ns
Common-emitter configuration, See Figure 3
Fall time
25
100
ns
Rise time
100
200
ns
Emitter-follower configuration, See Figure 4
Fall time
40
100
ns
(1)
All typical values, except for temperature coefficient, are at TA = 25°C.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com