Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IDRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL494IDRG4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494IDRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TL494IDRG4 Datasheet HTML 1Page - Texas Instruments TL494IDRG4 Datasheet HTML 2Page - Texas Instruments TL494IDRG4 Datasheet HTML 3Page - Texas Instruments TL494IDRG4 Datasheet HTML 4Page - Texas Instruments TL494IDRG4 Datasheet HTML 5Page - Texas Instruments TL494IDRG4 Datasheet HTML 6Page - Texas Instruments TL494IDRG4 Datasheet HTML 7Page - Texas Instruments TL494IDRG4 Datasheet HTML 8Page - Texas Instruments TL494IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
GND
VCC
Reference
Regulator
C1
Pulse-Steering
Flip-Flop
C1
1D
DTC
CT
RT
PWM
Comparator
+
−
Error Amplifier 1
≈ 0.1 V
Dead-Time Control
Comparator
Oscillator
OUTPUT CTRL
(see Function Table)
0.7 mA
E1
C2
E2
+
−
Error Amplifier 2
1IN+
1IN−
2IN+
2IN−
FEEDBACK
REF
6
5
4
1
2
16
15
3
13
8
9
11
10
12
14
7
Q1
Q2
≈ 0.7 V
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
FUNCTION TABLE
INPUT TO
OUTPUT FUNCTION
OUTPUT CTRL
VI = GND
Single-ended or parallel output
VI = Vref
Normal push-pull operation
FUNCTIONAL BLOCK DIAGRAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com