Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM27P16 Datasheet(PDF) 11 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 11 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 7Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 8Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 10Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 11Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 12Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 13Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 14Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Page 10 of 38
This graphs provided in this section are for design guidance only and are not tested or guaranteed.
The data presented in this section is a statistical summary of data collected on units from different
lots over a period of time. “Typical” represents the mean of the distribution while “max” or “min”
represents (mean + 3σ) and (mean – 3σ) respectively where σ is standard deviation.
※ Typical Characteristics
▶
IOL vs. VOL (at T=25℃) for ROUT Port with built in Transistor.
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VOL[V]
VCC=3.0V
Ta=25℃
ADAM27PXX
1. Overview
▶
Table of real measurement ROUT Current with IR LED
Current probing
Unit : mA
The table is made by measuring 100 samples on a same test board with oscilloscope and current probe.
The measured value is the peak value of the current.
Min is the smallest current value and Max is the largest current value in 100 samples.
Avg. is the average current of 100 samples. Refer to appendix for more detail information.
ROUT
Min
Max Avg
Min
Max Avg
Min
Max Avg
Min
Max Avg
1.8v
167 197 184 167 196 182 157 183 173
145 186 168
3.0v
486 545 524 472 549 522 479 573 521
401 497 455
3.6v
664 739 706 611 694 658 558 683 615
561 697 625
50℃
Voltage
-10℃
0℃
20℃
ROUT current probing Circuit
IR LED : SI-153T(AUK)
Measuring tool : Oscilloscope(Lecroy Wavesufer 454) and current probe(Lecroy AP015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com