Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2AP9 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2AP9
Description  Fast Switching Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2AP9 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2AP9 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
Maximum
Recurrent
Peak
Reverse
Voltage
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
Forward
Voltage
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
VRRM
IFSM
VFM
IR
V
A
A
Package
Style
Trr
nS
Maximum
Average
Forward
Rectified
Current
IF(AV)
A
IS1553
IS1554
IS1555
IS1834
IS1835
IS1885
IS1886
IS1887
IS1888
IS1941
IS1942
IS1943
IS1944
IS2076
IS2076A
IS2471
IS2472
IS2473
IS2473H
ISS104
2AP9
2AP10
MA150
MA161
MA162
MA165
MA166
MA167
V
Test
A
Test
60
50
30
400
600
100
200
400
600
100
200
400
600
30
70
90
55
40
35
30
10
20
35
50
75
35
50
75
100m
100m
100m
1.0
1.0
1.5
1.5
1.5
1.5
500m
500m
500m
500m
150m
150m
130m
120m
110m
100m
100m
10m
8m
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
30
30
60
60
60
60
35
35
35
35
1.0
1.0
0.6
0.6
0.6
0.6
1.0
50m
50m
0.8
0.8
0.8
0.8
0.8
0.8
1.4
1.4
1.4
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
0.8
0.8
1.2
1.2
1.2
1.2
1.3
0.9
1.0
1.2
1.2
1.2
1.2
1.2
1.2
100m
100m
100m
1.5
1.5
1.5
1.5
1.5
1.5
500m
500m
500m
500m
10m
10m
100m
100m
100m
100m
100m
10m
8m
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
10
10
10
10
10
10
10
10
10
10
1.0
1.0
0.8
0.8
0.8
0.8
1
20
20
2
2
2
2
2
2
30n
30n
30n
1.5
1.5
5.0
5.0
5.0
5.0
--
--
--
--
20n
20n
4.0n
4.0n
4.0n
4.0n
40n
--
--
10n
4n
4n
10n
4n
4n
IF=20mA
IR=1mA
IF=20mA
VR=10V
RL=75
--
--
--
--
--
--
DO-35
DO-35
DO-35
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-35
DO-35
DO-35
DO-35
DO-35
DO-35
DO-35
DO-7
DO-7
DO-35
DO-35
DO-35
DO-35
DO-35
DO-35
TYP
Fast Switching Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Description - 2AP9

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com