Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPM Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TPM
Description  Mini Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPM Datasheet(HTML) 2 Page - TRACO Electronic AG

  TPM Datasheet HTML 1Page - TRACO Electronic AG TPM Datasheet HTML 2Page - TRACO Electronic AG TPM Datasheet HTML 3Page - TRACO Electronic AG TPM Datasheet HTML 4Page - TRACO Electronic AG TPM Datasheet HTML 5Page - TRACO Electronic AG TPM Datasheet HTML 6Page - TRACO Electronic AG TPM Datasheet HTML 7Page - TRACO Electronic AG TPM Datasheet HTML 8Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.tracopower.com
Page 2
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Ordercode
Output Power
Output 1
Output 2
Output 3
PCB-mounting
Chassis mounting
max.
Inom
Inom
Inom
with solder pins
with screw terminals
TPM 15105
TPM 15105C
5 VDC / 3000 mA
TPM 15112
TPM 15112C
12 VDC / 1300 mA
TPM 15124
TPM 15124C
24 VDC / 600 mA
TPM 15212
TPM 15212C
15 Watt
+12 VDC / 600 mA
–12 VDC / 400 mA
TPM 15215
TPM 15215C
+15 VDC / 500 mA
–15 VDC / 400 mA
TPM 15512
TPM 15512C
*5 VDC / 1600 mA
+12 VDC / 150 mA
–12 VDC / 150 mA
TPM 15515
TPM 15515C
*5 VDC / 1600 mA
+15 VDC / 150 mA
–15 VDC / 150 mA
TPM 30105
TPM 30105C
5 VDC / 6000 mA
TPM 30112
TPM 30112C
12 VDC / 2500 mA
TPM 30124
TPM 30124C
24 VDC / 1300 mA
TPM 30212
TPM 30212C
+12 VDC / 1200 mA
–12 VDC /1200 mA
TPM 30215
TPM 30215C
30 Watt
+15 VDC / 1000 mA
–15 VDC /1000 mA
TPM 30252
TPM 30252C
*5 VDC / 3000 mA
*12 VDC /1200 mA
TPM 30254
TPM 30254C
*5 VDC / 3000 mA
*24 VDC / 600 mA
TPM 30512
TPM 30512C
*5 VDC / 3000 mA
+12 VDC / 600 mA
–12 VDC / 600 mA
TPM 30515
TPM 30515C
*5 VDC / 3000 mA
+15 VDC / 500 mA
–15 VDC / 500 mA
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Models
* Output floating
DC input (18 – 72 VDC) and other output voltages on request
Input Specifications
Input voltage range
85 – 264 VAC (100 –375 VDC)
Input frequency
47 – 400 Hz
Input current no load
115 VAC /230 VAC
– TPM 05 models
18 mA / 13 mA typ.
– TPM 10 models
18 mA / 18 mA typ.
– TPM 15 models
18 mA / 18 mA typ.
– TPM 30 models
25 mA / 20 mA typ.
Input current full load
115 VAC /230 VAC
– TPM 05 models
100 mA / 60 mA typ.
– TPM 10 models
150 mA / 90 mA typ.
– TPM 15 models
220 mA / 118 mA typ.
– TPM 30 models
430 mA / 240 mA typ.
Inrush current (< 2 ms)
115 VAC /230 VAC
– TPM 05 models
8 A / 16 A max.
– TPM 10 models
9 A / 18 A max.
– TPM 15 models
9 A / 20 A max.
– TPM 30 models
10 A / 20 A max.
External fuse (recommended)
– TPM 05 models
0.5 A slow blow type
– TPM 10 models
1.0 A slow blow type
– TPM 15 models
1.0 A slow blow type
– TPM 30 models
2.0 A slow blow type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com