Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3405 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3405
Description  TOSHIBA Transistor Silicon NPN Triple Diffused Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3405 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3405 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3405
2010-02-05
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
Switching Characteristics
Common emitter
Tc = 25°C
0
0
1.0
0.2
IB = 5 mA
0.4
0.6
0.8
2
4
6
8
10
12
14
0
10
20
30
40
60
80
100
1.2
0
0
Common emitter
VCE = 5 V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.2
0.4
0.6
0.8
1.0
Tc = 100°C
25
−55
30
0.1
0
Resistance load (R)
IC/IB1 = 10
2IB1 = −IB2
Pulse width = 20μs
DUTY CYCLE ≤ 1%
0.2
0.4
0.6
0.8
1.0
1.2
3
5
10
25
Tc = 100°C
0.3
0.5
1
100
25
100
25
tstg
tf
tr
Common emitter
VCE = 5 V
2
0.001
30
50
100
300
0.003
0.01
0.03
0.1
0.3
Tc = 100°C
−55
25
5
10
1
Common emitter
IC/IB = 5
0.02
0.001
0.3
0.5
1
3
0.003
0.01
0.03
0.1
0.3
Tc = 100°C
25
55
0.05
0.1
1
Common emitter
IC/IB = 5
0.2
0.003
1
3
5
10
0.01
0.03
0.1
0.3
1
Tc = −55°C
25
0.5
0.001
100
0.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com