Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC4101
Description  Four Channel Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC4101 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4101 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4101 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4101 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4101 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4101 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Four Channel Constant Current LED Driver
EC4101
ABSOLUTE MAXIMUM RATINGS
Vcc, VLED1, VLED2, VLED3, VLED4 Voltage to GND 0.3V to 18V
ISET and EN Voltage to GND..................................... 6V
Output Current per LED (IOUT) ............................. 125mA
Power Dissipation per Package
8-pin
SOP at TA = 85℃ ......................… 1.1W
Junction Temperature ..........................................+150ºC
Storage Temperature ........................... -55ºC to +150ºC
ESD Level. ....................................................... 1.5kV HBM
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ELECTRICAL CHARACTERISTICS
4.5V < VCC <18V , VEN = 5V, VLED1 =VLED2 =VLED3 =VLED4 =1.0V, RSET =10k or ISET=125uA, -40 < TA < 85ºC, Unless
otherwise noted.
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
Supply Voltage
4.5
5
18
V
Quiescent Supply Current
0.4
0.5
mA
ILED1=ILED2=ILED3=ILED4
Output/ISET Current Multiplication
Ratio
1000
1200
1400
VCH = 1V
LED Current (per diode )
125
mA
CH to CH Current Matching
-5%
+5%
%
LED Current Line Voltage Regulation
0.15
0.6
%/V
IOUT change per volt Vcc change
LED Current Load Voltage Regulation
9
%/V
1.0V < VLED <5V, ILED = 125mA
LED Current Thermal Regulation
0.1
%/℃
ILED =125mA
ISET Pin Voltage
1.4
1.5
1.6
V
Thermal Shutdown Threshold
130
℃
Thermal Shutdown Hysteresis
20
℃
Current OFF Mode
0.5
mA
VEN = 0V
Min. ENABLE “ ON Voltage “ (Note1)
1.6
V
Max. ENABLE “ OFF Voltage “ (Note2)
0.4
V
Note 1. ENABLE "ON" is VEN for which ILED > 80mA
Note 2. ENABLE "OFF" is VEN for which ILED < 1uA@ VLED1 > 1.0V
P 2 / 6
DR18EC070105-VER1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com