Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5980TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5980TR
Description  0.7A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5980TR Datasheet(HTML) 1 Page - STMicroelectronics

  L5980TR Datasheet HTML 1Page - STMicroelectronics L5980TR Datasheet HTML 2Page - STMicroelectronics L5980TR Datasheet HTML 3Page - STMicroelectronics L5980TR Datasheet HTML 4Page - STMicroelectronics L5980TR Datasheet HTML 5Page - STMicroelectronics L5980TR Datasheet HTML 6Page - STMicroelectronics L5980TR Datasheet HTML 7Page - STMicroelectronics L5980TR Datasheet HTML 8Page - STMicroelectronics L5980TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
October 2007
Rev 2
1/37
37
L5980
0.7A step-down switching regulator
Features
0.7A DC output current
2.9V to 18V input voltage
Output voltage adjustable from 0.6V
250kHz switching frequency, programmable
up to 1MHz
Internal soft-start and inhibit
Low dropout operation: 100% duty cycle
Voltage feed-forward
Zero load current operation
Over current and thermal protection
VQFN3x3-8L package
Applications
Consumer:
STB, DVD, DVD recorder, car audio, LCD TV
and monitors
Industrial:
Chargers, car battery, PLD, PLA, FPGA
Networking: XDSL, modems, DC-DC modules
Computer:
Optical storage, hard disk drive, printers,
audio/graphic cards
Figure 1.
Application circuit
Description
The L5980 is step down switching regulator with
1A current limited embedded power MOSFET, so
it is able to deliver in excess of 0.7A DC current to
the load depending on the application condition.
The input voltage can range from 2.9V to 18V,
while the output voltage can be set starting from
0.6V to VIN. Having a minimum input voltage of
2.9V, the device is suitable also for 3.3V bus.
Requiring a minimum set of external components,
the device includes an internal 250kHz switching
frequency oscillator that can be externally
adjusted up to 1MHz.
The QFN package with exposed pad allows
reducing the RthJA down to approximately
60°C/W.
VFQFPN8 3x3
www.st.com


Similar Part No. - L5980TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
More results

Similar Description - L5980TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
Step-down Switching Regulator
April, 2008 - Rev. 0
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com