Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP Datasheet(PDF) 73 Page - SPANSION

Part # S29GL01GP
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 73 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 69Page - SPANSION S29GL01GP Datasheet HTML 70Page - SPANSION S29GL01GP Datasheet HTML 71Page - SPANSION S29GL01GP Datasheet HTML 72Page - SPANSION S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION S29GL01GP Datasheet HTML 77Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
73
Da ta
Shee t
(Prelim i nar y )
Table 12.6 System Interface String
Addresses (x16)
Addresses (x8)
Data
Description
1Bh
36h
0027h
VCC Min. (write/erase) D7–D4: volt, D3–D0: 100 mV
1Ch
38h
0036h
VCC Max. (write/erase) D7–D4: volt, D3–D0: 100 mV
1Dh
3Ah
0000h
VPP Min. voltage (00h = no VPP pin present)
1Eh
3Ch
0000h
VPP Max. voltage (00h = no VPP pin present)
1Fh
3Eh
0006h
Typical timeout per single byte/word write 2
N µs
20h
40h
0006h
Typical timeout for Min. size buffer write 2N µs (00h = not supported)
21h
42h
0009h
Typical timeout per individual block erase 2N ms
22h
44h
0013h
Typical timeout for full chip erase 2
N ms (00h = not supported)
23h
46h
0003h
Max. timeout for byte/word write 2N times typical
24h
48h
0005h
Max. timeout for buffer write 2N times typical
25h
4Ah
0003h
Max. timeout per individual block erase 2
N times typical
26h
4Ch
0002h
Max. timeout for full chip erase 2N times typical (00h = not supported)
Table 12.7 Device Geometry Definition
Addresses (x16)
Addresses (x8)
Data
Description
27h
4Eh
001Bh
001Ah
0019h
0018h
Device Size = 2N byte
1B = 1 Gb, 1A= 512 Mb, 19 = 256 Mb, 18 = 128 Mb
28h
29h
50h
52h
0002h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
54h
56h
0006h
0000h
Max. number of byte in multi-byte write = 2
N
(00h = not supported)
2Ch
58h
0001h
Number of Erase Block Regions within device (01h = uniform device, 02h = boot
device)
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
00xxh
000xh
0000h
000xh
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
00FFh, 0003h, 0000h, 0002h =1 Gb
00FFh, 0001h, 0000h, 0002h = 512 Mb
00FFh, 0000h, 0000h, 0002h = 256 Mb
007Fh, 0000h, 0000h, 0002h = 128 Mb
31h
32h
33h
34h
60h
64h
66h
68h
0000h
0000h
0000h
0000h
Erase Block Region 2 Information (refer to CFI publication 100)
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information (refer to CFI publication 100)
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com