Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC2272B Datasheet(PDF) 4 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # GC2272B
Description  Remote control decoding circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

GC2272B Datasheet(HTML) 4 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

  GC2272B Datasheet HTML 1Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 2Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. GC2272B Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
富满电子有限公司
GC2272B (文件编号:S&CIC0406)
遥控解码电路
第
4 页 共 9 页
九、功能描述:
GC2272B 对从 Din 端子送入的信号进行解码。所送入的编码波形被译成字码,它含有码地址位、数据位和
同步位,解码出来的地址与所设置地址输入端进行比较。如果所设置的地址与连续
2 个字码匹配,则 GC2272B
做以下动作:
a),当解码得到有“1”数据时,驱动相应的数据输出端为高电平;
b),驱动 VT 输出为高电平。
1、 射频工作方式
位码:
位码是编码波形的基本单元,可分为
AD 位(地址、数据)和 SYNC 位(同步)。
根据相应端子电平的低、高,或悬空状态,
AD 位可分别置为“0”、“1”或“f”,每位波形由两个脉冲周期
构成,每个脉冲周期含
16 个时钟周期,详见下图:
同步位的长度是
4 个 AD 位的长度,含一个 1/8AD 位宽的脉冲。详见下图:
字码:
一组位码构成了字码,字码由
12 位 AD 位码再紧跟 1 位 SYNC 位码构成。12 位 AD 位码是地址码位还是数
据位由
GC2272B 的不同后缀规格规定,请参阅下图:
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
SYNC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com