Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSNS6PL25 Datasheet(PDF) 1 Page - Belden Inc.

Part # FSNS6PL25
Description  ProSNS RG-6 Plenum "F" Coax Compression Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FSNS6PL25 Datasheet(HTML) 1 Page - Belden Inc.

  FSNS6PL25 Datasheet HTML 1Page - Belden Inc. FSNS6PL25 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FSNS6PL-25
ProSNS RG-6 Plenum "F" Coax Compression Connector
Product Description
ProSNS RG6 "F" Plenum connector, non-blind entry with polymer compression sleeve for easy insertion & lowest possible tool compression force. 25 per Pack
Technical Specifications
Product Overview
Suitable Applications:
CCTV, Security Cameras, Video
Physical Characteristics (Overall)
Packaging:
25 Pack
Number of Pieces:
1
Connectors
Materials
Material
Nickel Plated Brass
Gold Plated
Electrical Characteristics
Impedance
Nominal Characteristic Impedance
75 Ohm
Return Loss (RL)
Frequency [MHz]
DC-1 GHz 31 dB Return Loss 1.05 VSWR
DC-2 GHz 26 dB Return Loss 1.09 VSWR
DC-3 GHz 21 dB Return Loss 1.18 VSWR
Electrical Characteristics Notes:
Cable Pullout Force Exceeds 40 Lbs
Mechanical Characteristics
Footprint/Type:
Coax
Connector Interface Type:
F
Gender:
Male - plug
Connector Series Name:
ProSNS
Color Band:
Green
Locking:
No
Tool Compatibility:
CPLCCT-SLMR or CPSNSCT-596 (compression), PSA59/6 (strip)
Termination Type:
Compression
Cable Center Conductor Diameter Limits: .0399 - .0418 inch
Cable Dielectric Diameter Limits:
.165 - .172 inch
Cable Outer Jacket Diameter Limits:
.220 - .250 inch


Similar Part No. - FSNS6PL25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSNS6PLQ25 BELDEN-FSNS6PLQ25 Datasheet
216Kb / 2P
ProSNS RG-6 Plenum "F" Coax Compression Connector
03-04-2023
More results

Similar Description - FSNS6PL25

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3524 GENERAL-C3524 Datasheet
37Kb / 2P
RG 6/U TYPE PLENUM COAXIAL CABLE
C8031 GENERAL-C8031 Datasheet
36Kb / 2P
RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
logo
List of Unclassifed Man...
9258 ETC2-9258 Datasheet
103Kb / 4P
Coax - RG-8X Type
7806A ETC2-7806A Datasheet
105Kb / 4P
Coax - RG-58 Type
7805 ETC2-7805 Datasheet
105Kb / 4P
Coax - RG-174 Type
logo
General Cable Technolog...
495036 GENERAL-495036 Datasheet
59Kb / 2P
18 AWG - 75 Ohm - RG-6/U Type Plenum Coaxial Cable
logo
Tripp Lite. All Rights ...
A200006 TRIPPLITE-A200006 Datasheet
490Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft
logo
Belden Inc.
FSNS6BNCU-25 BELDEN-FSNS6BNCU-25 Datasheet
355Kb / 2P
ProSNS RG-6 Universal BNC Coax Compression Connector
FSNS6U-25 BELDEN-FSNS6U-25 Datasheet
387Kb / 2P
ProSNS RG-6 Universal "F" Coax Compression Connector
FSNS6RCAU-25 BELDEN-FSNS6RCAU-25 Datasheet
341Kb / 2P
ProSNS RG-6 RCA Coax Compression Connector
0.44
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com