Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A92 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # A92
Description  PNP Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

A92 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  A92 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH A92 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
A92
PNP Plastic-Encapsulated Transistor
25-Dec-2014 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage.
CLASSIFICATION OF hFE (2)
Product-Rank
A92-A
A92-B
A92-C
Range
80~100
100~200
200~250
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-310
V
Collector to Emitter Voltage
VCEO
-305
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-200
mA
Collector Current -Pulsed
ICM
-500
mA
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
Thermal Resistance From Junction to Ambient
RθJA
200
°C / mW
Thermal Resistance From Junction to Case
RθJC
83.3
°C / mW
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-310
-
-
V
IC= -100μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-305
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100μA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.25
μA
VCB= -200V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
μA
VEB= -5V, IC=0
hFE (1)
60
-
-
VCE= -10V, IC= -1mA
hFE (2)
80
-
250
VCE= -10V, IC= -10mA
DC Current Gain
hFE (3)
60
-
-
VCE= -10V, IC= -80mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.2
V
IC= -20mA, IB= -2mA
Base to Emitter Voltage
VBE(Sat)
-
-
-0.9
V
IC= -20mA, IB= -2mA
Transition Frequency
fT
50
-
-
MHz
VCE= -20V, IC= -10mA, f=30MHz
Emitter
Base
Collector
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - A92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A92 JIANGSU-A92 Datasheet
276Kb / 3P
TRANSISTOR竊?PNP 竊
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
513Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
logo
Daya Electric Group Co....
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
274Kb / 2P
PNP Plastic-Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
A92 HTSEMI-A92 Datasheet
172Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - A92

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com