Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331IDBVRQ1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL331IDBVRQ1
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331IDBVRQ1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL331IDBVRQ1 Datasheet HTML 13Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 14Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 15Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 16Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 17Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 18Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 19Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 20Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
7.2.3 Application Curves
The following curves were generated with 5V on VCC and VLogic, RPULLUP = 5.1kΩ, and 50pF scope probe.
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
Figure 7-2. Response Time for Various Overdrives
(Positive Transition)
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
Figure 7-3. Response Time for Various Overdrives
(Negative Transition)
7.3 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, TI recommends using a bypass
capacitor on the supply pin to reject any variation on the supply voltage. This variation can distort the
comparator's input common mode range and create an inaccurate comparison.
7.4 Layout
7.4.1 Layout Guidelines
For accurate comparator applications without hysteresis, a stable supply is important to minimize noise and
glitches, which can affect the high level input common mode voltage range. To achieve this, add a bypass
capacitor between the supply voltage and ground. This must be implemented on the positive power supply and
negative supply (if available). If a negative supply is not being used, tie the GND pin directly to system ground.
7.4.2 Layout Example
OUT
1
IN–
2
IN+
3
4
V CC
5
0.1 F
μ
GND
0.1 F
μ
Ground
Bypass
Capacitor
Positive Supply
Negative Supply or Ground
Ground
Only needed
for dual power
supplies
Figure 7-4. TL331-Q1 Layout Example
www.ti.com
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com