Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 2Page - Texas Instruments TLC6989DYYR Datasheet HTML 3Page - Texas Instruments TLC6989DYYR Datasheet HTML 4Page - Texas Instruments TLC6989DYYR Datasheet HTML 5Page - Texas Instruments TLC6989DYYR Datasheet HTML 6Page - Texas Instruments TLC6989DYYR Datasheet HTML 7Page - Texas Instruments TLC6989DYYR Datasheet HTML 8Page - Texas Instruments TLC6989DYYR Datasheet HTML 9Page - Texas Instruments TLC6989DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSCLK,NORMAL
SCLK clock frequency in NORMAL state
20
MHz
fSCLK,INIT
SCLK clock frequency in INIT state
5
MHz
tLEAD,CS
Delay time, first SCLK rising edge after CS
falling edge
15
ns
tLAG,CS
Delay time, CS rising edge after final SCLK
falling edge
5
ns
tSU,SDI
SDI input data setup time before SCLK rising
egde
10
ns
tHD,SDI
SDI input data hold time after SCLK rising
edge
5
ns
twh,CS
Pulse duration, CS high
40
ns
tSU,SIN
SIN input data setup time before CLK_O rising
and falling edge
10
ns
tHD,SIN
SIN input data hold time after CLK_O rising
and falling edge
2
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tACC,CS
Propagation delay time, CS falling edge to
SDO driven
50
ns
tDIS,CS
Propagation delay time, CS rising edge to
SDO high impedance
75
ns
tVALID,SDO
Propagation delay time, SCLK falling edge to
valid new SDO
22
ns
tr,SOUT
Rise time (SOUT) - from 10% of VCC to 90%
of VCC
VCC = 3.3V, CSOUT = 30pF
2
10
ns
tf,SOUT
Fall time (SOUT) - from 90% of VCC to 10% of
VCC
VCC = 3.3V, CSOUT = 30pF
2
10
ns
fCLK_O
CLK_O output frequency. The output voltage
reaches at least 10% and 90% VCC at the
specified toggle frequency.
VCC = 3.3V, CCLK_O = 30pF
10.3
MHz
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com