Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFGFF0000000 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # TFGFF0000000
Description  Gain Flattening Filter Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

TFGFF0000000 Datasheet(HTML) 2 Page - Bookham, Inc.

  TFGFF0000000 Datasheet HTML 1Page - Bookham, Inc. TFGFF0000000 Datasheet HTML 2Page - Bookham, Inc. TFGFF0000000 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
2
Component Parameters
Specification
Unit
Wavelength Range
1460 to 1640
nm
Insertion Loss (peak)
0.3
dB
Target Gain Profile
customer supplied gain profile
Peak to Peak Error Function[1] (min)
0.2 - 0.4 (gain profile dependent)
dB
Polarization Dependent Loss
0.1
max dB
Return Loss
50
min dB
Dimensions (L x W x T)
1.4 x 1.4 x 1.0
mm
Backside Wedge Angle (
)
0.25
deg
Operating Temperature
-5 to 70
°C
Storage Temperature
-40 to 85
°C
Price
Contact us for quote
[1] Actual function error is dependent on specified gain profile.
Edge Chips <0.1mm
Example Performance
Actual gain profile demonstrated with targets
Gain Flattening Filter
Specifications (valid over operating temperature)
GFF Run11-454



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com