Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11450 Datasheet(PDF) 1 Page - Atom Lighting

Part # 11450
Description  AT1107
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

11450 Datasheet(HTML) 1 Page - Atom Lighting

  11450 Datasheet HTML 1Page - Atom Lighting 11450 Datasheet HTML 2Page - Atom Lighting 11450 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT1107
Dimmable Track Mounted Spotlight
Available individually or in a Kit
Flexible and adaptable solution
High Efficiency COB LED chip
ORDERING INFORMATION
Order code
11214
Description
10W LED Dimmable Track
Mounted Spotlight -
BL/60deg/WW
Driver Type
Dimmable ( Phase cut)
Item Code
AT1107/BLK/WW
EFFICIENCIES
Total System Efficiency
93 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Adjustable
Body Material
Aluminium
Product Finish
Powdercoated
Fitting Colour
Black
IC Rating
Non-IC
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class I
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
10 W
Switch Type
Inline
Working Temp Range
-20 to 45 °C
LAMP
Beam Angle
60 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
LED Type
Diffused
Number of Lamps
1
COLOUR TEMPERATURE
CCT
3000 K
CCT Colour
Warm White
Luminaire Lumens
925 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 11450

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
11450 ATOM-11450 Datasheet
145Kb / 3P
AT1107
23rd of January 2025 08:39:37
11450 ATOM-11450 Datasheet
145Kb / 3P
AT1107
21st of January 2025 00:59:33
11450 ATOM-11450 Datasheet
224Kb / 3P
AT1108
20th of January 2025 04:14:59
11450 ATOM-11450 Datasheet
225Kb / 3P
AT1108
22nd of January 2025 14:32:35
11450 ATOM-11450 Datasheet
143Kb / 2P
AT1107
21st of January 2025 21:04:08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com