Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNA-8C Datasheet(PDF) 6 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-8C
Description  DNA C series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-8C Datasheet(HTML) 6 Page - Danley Sound Labs. All Rights Reserved.

  DNA-8C Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. DNA-8C Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DNA Pro series
10K8 • 3K8
2196 Hilton Drive, Suite E Gainesville, GA, U.S.A 30501
Telephone: 877-419-5805
Email: info@danleysoundlabs.com
Protections Systems
Under all circumstances the control and protection systems will endeavour to deliver the maximum power possible for a given set of
conditions, applying limiters only in extreme circumstances. Muting will only occur when a dangerous situation is detected, normal
operation automatically resuming when the condition clears.
System protection
Speaker protection
Excessive power supply current or amplifier output current
Sustained clipping prevention
Excessive temperature per sub system: PSU, amplifier and DSP
DC offset protection
Mains voltage within acceptable limits
Excessive HF energy (VHF) limiter
Internal power rails producing correct output
Fans operating at correct speed
VX audio output limiters
Vx provides a linear phase virtual crossover and two limiter paths on
each output. This unique system delivers effective protection for
systems that incorporate passive crossovers.
Power distribution protection systems
Vx Limit
Multiband peak limiter, two per output
Mains inrush current limiting for soft start and anti-surge
Vx Max
Multiband overshoot limiter, two per output
Mains average current limiting for mains breaker management
X-Max
Driver excursion limiter
Randomized initialization when remotely powered up
T-Max
Driver thermal limiter (long term power limiter)
Monitoring, measurements recorded against time
Monitoring, device statistics and counters
Supply current
Number of power cycles counted
Supply voltage
Number of mains brownout events counted
Thermal Capacity
Fan speeds continuously monitored
Each driver current
Fan under-speed events counted
Each driver impedance
Various protection mute events counted
Protection limiting for each output
Driver Impedance continuously monitored
An inbuilt alarm and notification system to indicate problems to remote devices either via the network or the Volt-free changeover relay
contacts accessibly on the rear panel.
Physical
Cooling
Dual vari-speed fans, front to back airflow. Washable, tool less change filter media.
Analog IN and LINK
Phoenix pluggable terminal block
AES3 dual channel IN and LINK
Phoenix pluggable terminal block
Amplifiers output
4x Neutrik SpeakonTM NL4 connectors
Mains input connector
Neutrik 32A PowerconTM
Dante Primary and Secondary
2x Shielded RJ45
Relay output & contact closure inputs/output
Phoenix pluggable terminal block
LED indicators
Bright, easily differentiated
Enclosure
Standard 19” 2U (88mm), 357mm (14”) deep with handles and optional rear support
Net Weight
27.5 pounds (12.5kg)
Rear Support Kit
DNA-RSK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com