Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44C401L Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC44C401L
Description  MTS Stereo Encoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44C401L Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC44C401L Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MTS Stereo Encoder, Rev. 0.5
10
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Functional Description
Figure 7. MC44C401L Level Setup
Audio Generator
Audio Spectrum
Analyzer
Audio Analyzer
Audio Precision SYS2
Stereo Encoder
Adjust for optimal
separation with
only Left Channel
driven 1800Hz
Left In
Right In
Modulator
No Audio
Pre-emphasis
Attenuator
Spectrum Analyzer
Precision Receiver
(TEK TV1350)
Precision MTS
4.5MHz
Notch Filter
0db / 25kHz deviation =
1.4Vp-p @ 1kHz Mono
(both channels driven)
25kHz deviation Check =
10396Hz @ 25kHz deviation
gives bessel null and Ref
Level on SRD-1
Composite
Video
Wide Band
Output
Composite Video
CVBS In
Input Left Channel only
1800Hz 400mVp-p
Decoder
(Modulation
Sciences SRD1)
NOTES:
1. Input 1kHz both channels @ 1.45Vp-p.
2. Set attenuator for 25kHz deviation out of modulator.
3. Input 1.8kHz 0.4Vp-p on left channel only and
optimize stereo separation with attenuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com