Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC470EUF Datasheet(PDF) 21 Page - RAKEN

Part # LC470EUF
Description  LCM ENGINEERING SPECIFICATION
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKEN [RAKEN]
Direct Link  http://www.szraken.com/kr/index.php
Logo RAKEN - RAKEN

LC470EUF Datasheet(HTML) 21 Page - RAKEN

Back Button LC470EUF Datasheet HTML 17Page - RAKEN LC470EUF Datasheet HTML 18Page - RAKEN LC470EUF Datasheet HTML 19Page - RAKEN LC470EUF Datasheet HTML 20Page - RAKEN LC470EUF Datasheet HTML 21Page - RAKEN LC470EUF Datasheet HTML 22Page - RAKEN LC470EUF Datasheet HTML 23Page - RAKEN LC470EUF Datasheet HTML 24Page - RAKEN LC470EUF Datasheet HTML 25Page - RAKEN Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Product Specification
LC470EUF
Ver. 1.0
21/40
In order to measure 3D luminance, 3D crosstalk and 3D viewing angle, it need to be prepared as below;
1) Measurement configuration
4-Test pattern images. Refer to FIG 8.
-. LW-RW : White for left and right eye
-. LW-RB : White for left eye and Black for right eye
-. LB-RW : Black for left eye and white for right eye
-. LB-RB : Black for left eye and right eye
Image files where black and white lines are displayed on even or odd lines.
Luminance measurement system (LMS) with narrow FOV (field of view) is used. Refer to FIG 1.
< FIG.6. Measurement configuration>
(a) Test pattern image
(b) Measurement
position
1
(c) Setup
3D display
Right or left eyeglass
( Circular polarizer )
LMS
Lum( LE or RE, test pattern, number )
Measurement through
Left or Right eyeglass
measurement
position
Luminance
< FIG. 8. notation of luminance measurement >
2
3
4
5
6
7
8
9
< FIG.7. Positioning eyeglass >
LW-RW
LB-RW
LW-RB
LB-RB
2) Positioning Eyeglass (refer to appendix-VIII for standard specification of eyeglass)
Find angle of minimum transmittance.
This value would be provided beforehand or measured by the following steps;
(i) Test image (LB-RW) is displayed.
(ii) Left eyeglass are placed in front of LMS and luminance is measured,
rotating right eyeglass such as FIG 7. The notation for luminance measurement is “Lum(LE, LB-RW,1)”.
(iii) Find the angle where luminance is minimum.
* Following measurements should be performed at the angle of minimum transmittance of eyeglass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com