Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3086AM Datasheet(PDF) 6 Page - International Rectifier

Part # IR3086AM
Description  XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086AM Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3086AM Datasheet HTML 2Page - International Rectifier IR3086AM Datasheet HTML 3Page - International Rectifier IR3086AM Datasheet HTML 4Page - International Rectifier IR3086AM Datasheet HTML 5Page - International Rectifier IR3086AM Datasheet HTML 6Page - International Rectifier IR3086AM Datasheet HTML 7Page - International Rectifier IR3086AM Datasheet HTML 8Page - International Rectifier IR3086AM Datasheet HTML 9Page - International Rectifier IR3086AM Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
IR3086A
SYSTEM THEORY OF OPERATION
XPhase
TM Architecture
The XPhase
TM architecture is designed for multiphase interleaved buck converters which are used in applications
requiring small size, design flexibility, low voltage, high current and fast transient response. The architecture can
control converters of any phase number where flexibility facilitates the design trade-off of multiphase converters.
The scalable architecture can be applied to other applications which require high current or multiple output voltages.
As shown in Figure 1, the XPhase
TM architecture consists of a Control IC and a scalable array of phase converters
each using a single Phase IC. The Control IC communicates with the Phase ICs through a 5-wire analog bus, i.e.
bias voltage, phase timing, average current, error amplifier output, and VID voltage. The Control IC incorporates all
the system functions, i.e. VID, PWM ramp oscillator, error amplifier, bias voltage, and fault protections etc. The
Phase IC implements the functions required by the converter of each phase, i.e. the gate drivers, PWM comparator
and latch, over-voltage protection, and current sensing and sharing.
There is no unused or redundant silicon with the XPhase
TM architecture compared to others such as a 4 phase
controller that can be configured for 2, 3, or 4 phase operation. PCB Layout is easier since the 5 wire bus
eliminates the need for point-to-point wiring between the Control IC and each Phase. The critical gate drive and
current sense connections are short and local to the Phase ICs. This improves the PCB layout by lowering the
parasitic inductance of the gate drive circuits and reducing the noise of the current sense signal.
RCS
CIN
0.1uF
0.1uF
RCS
CCS
CCS
VOUT+
12V
VOUT-
VOUT SENSE-
VID2
VID0
VID3
VOUT SENSE+
VID4
ENABLE
VR HOT
POWER GOOD
PHASE FAULT
VID5
VID1
>> PWM CONTROL
>> PHASE TIMING
>> BIAS VOLTAGE
IR3081A
CONTROL
IC
COUT
CONTROL BUS
IR3086A
PHASE IC
INPUT/OUTPUT
ADDITIONAL PHASES
<< CURRENT SENSE
PHASE HOT
PHASE FAULT
PHASE FAULT
>> VID VOLTAGE
CURRENT SHARE
CURRENT SHARE
PHASE HOT
IR3086A
PHASE IC
Figure 1. System Block Diagram
Page 6 of 33
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com