Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1528 Datasheet(PDF) 19 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 19 Page - ams AG

Back Button AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG AS1528 Datasheet HTML 17Page - ams AG AS1528 Datasheet HTML 18Page - ams AG AS1528 Datasheet HTML 19Page - ams AG AS1528 Datasheet HTML 20Page - ams AG AS1528 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
19 - 21
AS1528/AS1529
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The devices are available in a 8-pin TDFN (3x3mm) package.
Figure 30. 8-pin TDFN (3x3mm) Packagee
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. N is the total number of terminals.
4. Terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the area indicated. The terminal #1 identifier may be
either a mold, embeded metal or mark feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
6. ND refers to the maximum number of terminals on D side.
7. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
DE TA IL B
4
PIN 1 INDEX AREA
(D/2 xE/2)
6
BTM VIEW
N-1
N
bbb
ddd
D2
D2/2
NX b
(D/2 xE/2)
4
2x
TOP VIEW
aaa
C
PIN 1 INDEX AREA
D
NX
7
ccc C
S IDE VIEW
(N D-1) X e
e
7
0.08
C
B
NX L
EV EN T E RM IN A L S ID E
Datum A or B
Term inal Tip
5
e
e/2
5
C A
B
C
SEATING
PLANE
NX K
C
Symbol
Min
Typ
Max
Notes
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20 REF
1, 2
L1
0.15
1, 2
L2
0.13
1, 2
aaa0.151, 2
bbb0.101, 2
ccc
0.10
1, 2
ddd0.051, 2
eee0.081, 2
ggg0.101, 2
Symbol
Min
Typ
Max
Notes
D BSC
3.00
1, 2
E BSC
3.00
1, 2
D2
1.60
2.50
1, 2
E2
1.35
1.75
1, 2
L
0.30
0.40
0.50
1, 2
θ
14º
1, 2
K0.20
1, 2
b
0.25
0.30
0.35
1, 2, 5
e0.65
N8
1, 2
ND
4
1, 2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com