Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8906 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8906
Description  Gigabit Ethernet Cat7 Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8906 Datasheet(HTML) 2 Page - Belden Inc.

  8906 Datasheet HTML 1Page - Belden Inc. 8906 Datasheet HTML 2Page - Belden Inc. 8906 Datasheet HTML 3Page - Belden Inc. 8906 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Description
Product Family:
Data Connectors
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Shielded
Rated Voltage:
60 V
Rated Impulse Voltage:
0.8 kV
Operating Voltage:
50 V AC / 60 V DC
Rated Current*:
0.5 A
Data Transmission:
Gigabit Ethernet Cat7
Data Transmission Rate:
10 Gbit/s
Vibration Resistance:
IEC 61373
Technical Data Side 1
Product Sub Family:
M12 Railway
Type of Contact / Gender:
Male
Connector Design:
Straight
Attachment Type:
Coupling Screw
Number of Pins:
8
Coding:
X
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature
(Operation)*:
- 40 °C - + 85 °C
Protection Degree / IP Rating**:
IP65, IP67
Design Standard:
IEC 61076-2-109
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category:
II acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material:
CuZn
Contact Plating:
Cu/Au
Contact Bearer Material:
PA
Contact Bearer Color:
Black
Flammability Class (Contact
Bearer):
UL 94 V-0
Molded Body Material:
PA
Molded Body Color:
Black
Flammability Class (Molded
Body):
UL 94 V-0
Attachment Material:
CuZn
Attachment Plating:
Nickel-plated
Shielding Material:
GD-Zn, nickel-plated
Fastening Torque (Attachment):
M 12x1: (50-60) Ncm, hand-tight
Note:
Do not connect or disconnect under load.
Cable Data
Cable Number:
552
Conductor Size:
4x2x0.25 mm²
Number of Wires:
8
Minimal Bending Radius (Fixed
Inst):
˃ 4 x D
Conductor material:
Cu
Cable Jacket Material:
X-FRNC/LSNH
Cable Jacket Color:
blue
Cable Diameter D:
ø 8.1 ± 0.3 mm
Wire Insulation Material:
E-beam X-linked Foam-skin polyethylene
Insulated Wire Diameter:
max. ø 1.60 mm
Overall Shield (Cable):
Cu-ETP1 tinned



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com