Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8553 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8553
Description  Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8553 Datasheet(HTML) 1 Page - Belden Inc.

  8553 Datasheet HTML 1Page - Belden Inc. 8553 Datasheet HTML 2Page - Belden Inc. 8553 Datasheet HTML 3Page - Belden Inc. 8553 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 0985 S4742 100
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
black M12 Standard to male straight D-coded black M12 Standard, shielded,
50 V AC / 60 V DC, 4 A; TPE green cable, 4-wires, 0.38 mm²
Product Description
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded black M12 Standard to male straight D-coded black M12 Standard, shielded, 50 V AC
/ 60 V DC, 4 A; TPE green cable, 4-wires, 0.38 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue
Face View Side 2
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue


Similar Part No. - 8553

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8553 PHOENIX-8553 Datasheet
320Kb / 22P
AXL E ETH DI8 DO4 2A M12 6P
logo
Molex Electronics Ltd.
85533 MOLEX-85533 Datasheet
332Kb / 2P
Modular Jack HyperJack
85533-0002 MOLEX-85533-0002 Datasheet
332Kb / 2P
Modular Jack HyperJack
logo
TE Connectivity Ltd
855366-000 TEC-855366-000 Datasheet
189Kb / 5P
202237-1
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
350 MHz SAW Filter
More results

Similar Description - 8553

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1201080027 MOLEX11-1201080027 Datasheet
157Kb / 2P
Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
1201080027 MOLEX-1201080027_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080039 MOLEX-1201080039_V01 Datasheet
29Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080188 MOLEX-1201080188 Datasheet
44Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080236 MOLEX-1201080236 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com