Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B40-50VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25B40-50VIP
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40-50VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25B40-50VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B40-50VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25B40
Rev. E, Issue Date: 2007/5/3
Table 2b. Top Boot Block Sector Architecture (Special order)
Sector
SECTOR SIZE (KByte)
Address range
11
4
7F000h – 7FFFFh
10
4
7E000h – 7EFFFh
9
8
7C000h – 7DFFFh
8
16
78000h – 7BFFFh
7
32
70000h – 77FFFh
6
64
60000h – 6FFFFh
5
64
50000h – 5FFFFh
4
64
40000h – 4FFFFh
3
64
30000h – 3FFFFh
2
64
20000h – 2FFFFh
1
64
10000h – 1FFFFh
0
64
00000h – 0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com