Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS737 Datasheet(PDF) 1 Page - Sumida Corporation

Part # AS737
Description  Transponder TX antenna< Pin Type: AS Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS737 Datasheet(HTML) 1 Page - Sumida Corporation

  AS737 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transponder TX antenna< Pin Type: AS Series>
Type: AS737
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
S
L
1
C
2
BROWN
BLUE
◆ Product Description
・74.3×14.7mm Max.(L×W),7.7mm Max. Height.
・Operating temperature: −40℃∼+85℃.
◆ Feature
・LF transponder Transmitter antenna.
・Ideally used in keyless smart entry system.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Schematics(Bottom)
◆ Specification
BETWEEN(1−2)
MEASURING
CONDITIONS
Resonant frequency range
134.2kHz±1.0kHz
WITHIN
at 25℃
Resonant Current
2.1Ap-p±0.2Ap-p WITHIN
134.2kHz
(at 25℃)
“S” is winding start.


Similar Part No. - AS737

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS737-125-103 SUMIDA-AS737-125-103 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-153 SUMIDA-AS737-125-153 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-223 SUMIDA-AS737-125-223 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-332 SUMIDA-AS737-125-332 Datasheet
100Kb / 2P
LF Transmitter Antenna
AS737-125-682 SUMIDA-AS737-125-682 Datasheet
100Kb / 2P
LF Transmitter Antenna
More results

Similar Description - AS737

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS16D14 SUMIDA-CAS16D14 Datasheet
200Kb / 1P
Transponder RX antenna< SMD Type: CAS Series>
CAS14D26 SUMIDA-CAS14D26 Datasheet
204Kb / 1P
Transponder RX antenna< SMD Type: CAS Series>
AS737D SUMIDA-AS737D Datasheet
205Kb / 1P
Transponder TX antenna
AS737C SUMIDA-AS737C Datasheet
211Kb / 1P
Transponder TX antenna
AS657 SUMIDA-AS657 Datasheet
24Kb / 1P
Transponder TX Antenna
AS637 SUMIDA-AS637 Datasheet
234Kb / 2P
Transponder TX Antenna
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AS705B SUMIDA-AS705B Datasheet
50Kb / 2P
Antenna < Transponder : RF-ID [TX] >
AS705A SUMIDA-AS705A Datasheet
128Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
AS224 SUMIDA-AS224 Datasheet
174Kb / 2P
Antenna < Transponder: RF-ID ( TX ) >
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com