Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B05T-75VIP Datasheet(PDF) 30 Page - Eon Silicon Solution Inc.

Part # EN25B05T-75VIP
Description  512 Kbit Serial Flash Memory with Boot and Parameter Sectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B05T-75VIP Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Back Button EN25B05T-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B05T-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
30
EN25B05
Rev. B, Issue Date: 2006/12/26
Revisions List
Revision No Description
Date
A
Initial release
2006/10/18
B
1. Change clock rate from 50MHz to 75MHz,
Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 100 to 500 ms typical to 300 to 500 ms
Chip erase time 1 seconds to 1.5 seconds typical
in page 1
2. Correct Table 5. Manufacturer and Device Identification
(ID7-ID0) : (Bottom Boot) 30h to 95h / (Top Boot) 40h to 25h
(ID15-ID0) : 2011h to 2010h in page 9
3. Change Table 8 DC Characteristics in page 21h
(1) Add ICC3 for 75MHz
4. Change Table 10 to 75MHz AC Characteristics in page 22
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Change Page program time 1.4ms typical to 1.5ms
(10)Change 16KB Sector erase time 0.2 / 0.4seconds to
0.5 / 1 seconds for typical and maximum
(11) Change 4KB Sector erase time 0.15 / 0.3 seconds to
0.3 / 0.6 seconds for typical and maximum
(12) Change Chip erase time 1 / 2 seconds to 1.5 / 3
seconds for typical and maximum
5. Add Table 11: 50MHz AC Characteristics in page 23
(1) Change Page program time 1.4ms typical to 1.5ms
(2) Change 16KB Sector erase time 0.2 / 0.4 seconds to
0.5 / 1 seconds for typical and maximum
(3) Change 4KB Sector erase time 0.15 / 0.3 seconds to
0.3 / 0.6 seconds for typical and maximum
(4) Change Chip erase time 1 / 2 seconds to 1.5 / 3
seconds for typical and maximum
6. Add 75MHz option in Ordering Information in page 29
2006/12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com