Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B10-75VIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25B10-75VIP
Description  1 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B10-75VIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25B10-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B10-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25B10
Rev. B, Issue Date: 2006/12/26
MEMORY ORGANIZATION
The memory is organized as:
131,072 bytes
Flexible Sector Architecture
Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,three 32-Kbyte sectors
Bottom or top boot configurations
512 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2a. Bottom Boot Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
6
32
18000h – 1FFFFh
5
32
10000h – 17FFFh
4
32
08000h – 0FFFFh
3
16
04000h – 07FFFh
2
8
02000h – 03FFFh
1
4
01000h – 01FFFh
0
4
00000h – 00FFFh
Table 2b. Top Boot Block Sector Architecture (Special order)
Sector
SECTOR SIZE (KByte)
Address range
6
4
1F000h – 1FFFFh
5
4
1E000h – 1EFFFh
4
8
1C000h – 1DFFFh
3
16
18000h – 1BFFFh
2
32
10000h – 17FFFh
1
32
08000h – 0FFFFh
0
32
00000h – 07FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com