Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B20T-50VIP Datasheet(PDF) 30 Page - Eon Silicon Solution Inc.

Part # EN25B20T-50VIP
Description  2 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B20T-50VIP Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Back Button EN25B20T-50VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B20T-50VIP Datasheet HTML 32Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
30
EN25B20
Rev. C, Issue Date: 2006/12/26
ORDERING INFORMATION
EN25B20
T
-
50
G
C
P
PACKAGING CONTENT
(Blank) = Conventional
P = RoHS compliant
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (-40°C to +85°C)
PACKAGE
G = 8-pin 150mil SOP
V = 8-pin VDFN
SPEED
75 = 75 Mhz
50 = 50 Mhz
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
(Blank) = Bottom Sector
BASE PART NUMBER
EN = Eon Silicon Solution Inc.
25B = 3V Serial FLASH with boot sectors
20 = 2 Megabit (256K x 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com