Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P80-75VIP Datasheet(PDF) 30 Page - Eon Silicon Solution Inc.

Part # EN25P80-75VIP
Description  8 Mbit Uniform Sector, Serial Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P80-75VIP Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Back Button EN25P80-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25P80-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
30
EN25P80
Rev. C, Issue Date: 2006/12/25
Revisions List
Revision No Description
Date
A
Initial release
2006/04/26
B
1. Change clock rate from 50MHz to 75MHz in page 1
2. Add INSTRUCTIONS description in page 8
3. Change Table 8 DC Characteristics in page 21
(1) Add ICC3 for 75MHz
(2) Change ICC1, ICC2 from 10µA to 20µA
4. Change Table 10 to 75MHz AC Characteristics in page 22
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Restore CS# Active Setup Time from 2ns to 5ns
(10)Change Data In Setup Time from 5ns to 2ns
5. Add Table 11: 50MHz AC Characteristics in page 23
6. Add 75MHz option in Ordering Information, page 29
2006/08/29
C
1. Change Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 300 ms typical to 800 ms typical
Chip erase time 4.8 seconds to 10 seconds typical
in page 1
2. Change Table 10: 75MHz AC Characteristics in page 22
(1) Change Page program time 1.4 ms typical to 1.5 ms
(2) Change Sector erase time 0.3 / 0.6 seconds to
0.8 / 2 seconds for typical and maximum
(3) Change Chip erase time 4.8 / 9.6 seconds to 10 / 20
seconds for typical and maximum
3. Change Table 11: 50MHz AC Characteristics in page 23
(1) Change Page program time 1.4 ms typical to 1.5 ms
(2) Change Sector erase time 0.3 / 0.6 seconds to
0.8 / 2 seconds for typical and maximum
(3) Change Chip erase time 4.8 / 9.6 seconds to 10 / 20
seconds for typical and maximum
2006/12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com