Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P40-75VIP Datasheet(PDF) 17 Page - Eon Silicon Solution Inc.

Part # EN25P40-75VIP
Description  4 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P40-75VIP Datasheet(HTML) 17 Page - Eon Silicon Solution Inc.

Back Button EN25P40-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25P40-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
17
EN25P40
Rev. D, Issue Date: 2006/12/25
Once the device has entered the Deep Power-down mode, all instructions are ignored except the Release
from Deep Power-down and Read Device ID (RDI) instruction. Executing this instruction takes the device
out of the Deep Power-down mode.
When used only to release the device from the power-down state, the instruction is issued by driving the
CS# pin low, shifting the instruction code “ABh” and driving CS# high as shown in Figure 15. After the time
duration of tRES1 (See AC Characteristics) the device will resume normal operation and other instructions
will be accepted. The CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated by
driving the CS# pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The Device ID
bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in Figure
16. The Device ID value for the EN25P40 are listed in Table 5. The Device ID can be read continuously.
The instruction is completed by driving CS# high.
When Chip Select (CS#) is driven High, the device is put in the Stand-by Power mode. If the device was
not previously in the Deep Power-down mode, the transition to the Stand-by Power mode is immediate. If
the device was previously in the Deep Power-down mode, though, the transition to the Standby Power
mode is delayed by tRES2, and Chip Select (CS#) must remain High for at least tRES2 (max), as specified
in Table 10. Once in the Stand-by Power mode, the device waits to be selected, so that it can receive,
decode and execute instructions.
Except while an Erase, Program or Write Status Register cycle is in progress, the Release from Deep
Power-down and Read Device ID (RDI) instruction always provides access to the 8bit Device ID of the
device, and can be applied even if the Deep Power-down mode has not been entered.
Any Release from Deep Power-down and Read Device ID (RDI) instruction while an Erase, Program or
Write Status Register cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress.
Read Manufacturer / Device ID (90h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com