Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B80T-50VIP Datasheet(PDF) 32 Page - Eon Silicon Solution Inc.

Part # EN25B80T-50VIP
Description  8 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B80T-50VIP Datasheet(HTML) 32 Page - Eon Silicon Solution Inc.

Back Button EN25B80T-50VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B80T-50VIP Datasheet HTML 33Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
32
EN25B80
Rev. C, Issue Date: 2006/12/25
EN25B80
T
-
75
H
C
P
PACKAGING CONTENT
(Blank) = Conventional
P = RoHS compliant
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (-40°C to +85°C)
PACKAGE
H = 8-pin 200mil SOP
V = 8-pin VDFN
Q = 8-pin PDIP
SPEED
75 = 75 Mhz
50 = 50 Mhz
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
(Blank) = Bottom Sector
BASE PART NUMBER
EN = Eon Silicon Solution Inc.
25B = 3V Serial FLASH with boot sectors
80 = 8 Megabit (1024K x 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com